Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS950818 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ICS950818
Description  Frequency Generator with 200MHz Differential CPU Clocks
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS950818 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ICS950818 Datasheet HTML 2Page - Renesas Technology Corp ICS950818 Datasheet HTML 3Page - Renesas Technology Corp ICS950818 Datasheet HTML 4Page - Renesas Technology Corp ICS950818 Datasheet HTML 5Page - Renesas Technology Corp ICS950818 Datasheet HTML 6Page - Renesas Technology Corp ICS950818 Datasheet HTML 7Page - Renesas Technology Corp ICS950818 Datasheet HTML 8Page - Renesas Technology Corp ICS950818 Datasheet HTML 9Page - Renesas Technology Corp ICS950818 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ICS950818
BYTE
Affected Pin
Control Function
Type
Bit Control
3
Pin #
Name
0
1
PWD
Bit 7
34
48MHz DOT
Output control
RW
Disable
Enable
1
Bit 6
35
48MHz USB
Output control
RW
Disable
Enable
1
Bit5
6
PCICLK_F2/PCICLK8 (see
Allow control of output with
RW
Freerun
Not
0
note)
assertion of PCI STOP#.
Freerun
Bit4
5
PCICLK_F1/PCICLK7 (see
Allow control of output with
RW
Freerun
Not
0
note)
assertion of PCI STOP#.
Freerun
Bit 3
4
PCICLK_F0/PCICLK6 (see
Allow control of output with
RW
Freerun
Not
0
note)
assertion of PCI STOP#.
Freerun
Bit 2
6
PCICLK F2/PCICLK8
Output control
RW
Disable
Enable
1
Bit 1
5
PCICLK F1/PCICLK7
Output control
RW
Disable
Enable
1
Bit 0
4
PCICLK F0/PCICLK6
Output control
RW
Disable
Enable
1
Note: PCICLK_F(2:0) can be turned on/off by PCI_STOP#. Refer to table4.
BYTE
Affected Pin
Control Function
Type
Bit Control
4
Pin #
Name
0
1
PWD
Bit 7
10
*PCICLK2
Output streni:ith (1X/2X)
R/W
2X
1X
1
Bit 6
12
*PCICLK3
Output streni:ith (1X/2X)
R/W
2X
1X
1
Bit5
29
PCICLK10
Output control
RW
Disable
Enable
1
Bit4
31
3V66 1NCH CLK
Output control
RW
Disable
Enable
1
Bit 3
20
PCICLK9
Output control
RW
Disable
Enable
1
Bit 2
19
3V66 4
Output control
RW
Disable
Enable
1
Bit 1
18
3V66 3
Output control
RW
Disable
Enable
1
Bit 0
17
3V66 2
Output control
RW
Disable
Enable
1
BYTE
Affected Pin
Control Function
Type
Bit Control
5
Pin #
Name
0
1
PWD
Bit 7
X
PD Mode lref Mirror Enable
Allow lref Mirror to be ON during
RW
OFF
ON
0
Power Down Mode
Bit 6
X
Reserved
Reserved
X
-
-
0
Bit5
X
3V66(4:2) (See table 6)
Allow control of output with
X
Freerun
Not
0
assertion of CPU STOP#.
Freerun
Bit4
X
3V66(1) (See table 7)
Allow control of output with
X
Freerun
Not
0
assertion of CPU STOP#.
Freerun
Bit 3
34
48MHz_DOT Slew Control
00 = Medium (default), 01 = Low,
RW
-
-
0
Bit 2
11,10 =Hii:ih
RW
-
-
0
Bit 1
00 = Medium (default), 01 = Low,
RW
-
-
0
35
48MHz_USB Slew Control
11,10 =High
Bit 0
RW
-
-
0
Note: Functions in Byte5 of CK408 were intended as a test and debug byte only.
0825F-11/19/03
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com