Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS950818 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ICS950818
Description  Frequency Generator with 200MHz Differential CPU Clocks
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS950818 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ICS950818 Datasheet HTML 12Page - Renesas Technology Corp ICS950818 Datasheet HTML 13Page - Renesas Technology Corp ICS950818 Datasheet HTML 14Page - Renesas Technology Corp ICS950818 Datasheet HTML 15Page - Renesas Technology Corp ICS950818 Datasheet HTML 16Page - Renesas Technology Corp ICS950818 Datasheet HTML 17Page - Renesas Technology Corp ICS950818 Datasheet HTML 18Page - Renesas Technology Corp ICS950818 Datasheet HTML 19Page - Renesas Technology Corp ICS950818 Datasheet HTML 20Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ICS950818
PCI_STOP# - Assertion (transition from logic "1" to logic "O")
The impact of asserting the PCI_STOP# signal will be the following. All PCl[10:0] and stoppable PCI_F clocks will latch
low in their next high to low transition. The PCI_STOP# setup time tsu is 10 ns, for transitions to be recognized by the
next rising edge.
Assertion of PCI_STOP# Waveforms
PCI_STOP# 1------.
------------------------
PC1_F 33MHz
PCI 33MHz
CPU_STOP# - Assertion (transition from logic "1" to logic "O")
The impact of asserting the CPU_STOP# pin is all CPU outputs that are set in the SMBus configuration to be stoppable
via assertion of CPU_STOP# are to be stopped after their next transition. When the SMBus Bit 6 of Byte 1 is
programmed to 'O' the final state of the stopped CPU signals is CPU = High and CPU# = Low. There is to be no change
to the output drive current values. The CPU will be driven high with a current value equal to (Mult O 'select') x (Iref), the
CPU# signal will not be driven . When the SMBus Bit 6 of Byte 1 is programmed to '1' then final state of the stopped
CPU signals is Low, both CPU and CPU# outputs will not be driven.
Assertion of CPU_STOP# Waveforms
CPUCLKT
CPU_STOP#
�
CPUCLKC
'-----------------
CPU_STOP# Functionality
CPU_STOP#
CPUT
CPUC
1
Normal
Normal
0
iref * Mult
Float
G
t
G
roup o roup SkewsatCommon T
"f
rans, 10n Ed1ges: n u ere
o e
Ubff dMd
GROUP
SYMBOL
CONDITIONS
MIN
TYP
3V66 to PCl1 •2
S3V66-PCI
3V66 (4:1) leads 33MHz PCI
1.5
2.765
1Guaranteed by design, not 100% tested in production.
2
500ps Tolerance
0825F-11/19/03
16
MAX
3.5
UNITS
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com