Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS950818 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS950818
Description  Frequency Generator with 200MHz Differential CPU Clocks
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS950818 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS950818 Datasheet HTML 1Page - Renesas Technology Corp ICS950818 Datasheet HTML 2Page - Renesas Technology Corp ICS950818 Datasheet HTML 3Page - Renesas Technology Corp ICS950818 Datasheet HTML 4Page - Renesas Technology Corp ICS950818 Datasheet HTML 5Page - Renesas Technology Corp ICS950818 Datasheet HTML 6Page - Renesas Technology Corp ICS950818 Datasheet HTML 7Page - Renesas Technology Corp ICS950818 Datasheet HTML 8Page - Renesas Technology Corp ICS950818 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Integrated
Circuit
Systems, Inc.
ICS950818
Frequency Generator with 200MHz Differential CPU Clocks
Recommended Application:
Pin Configuration
CK-408 clock for Brookdale/Odem/Montara-GM for P4/Banias
processor.
X1 1
X2 2
48 VDDREF
47 REF
Output Features:
2 - Differential CPU Clock Pairs @ 3.3V
8 - PCI (3.3V)@ 33.3MHz including 2 1x/2x
selectable PCI clocks
3 - PCI_F/PCI selectable (3.3V)@ 33.3MHz
1 - USB (3.3V)@ 48MHz, 1 DOT (3.3V)@ 48MHz
1 - REF (3.3V)@ 14.318MHz
4 - 3V66 (3.3V)@ 66.6MHz
1 - VCH/3V66 (3.3V)@ 48MHz or 66.6MHz
Features:
Selectable 1X or 2X strength for REF and PCI via
SMBus interface
Programmable group to group skew
Linear programmable frequency and spreading %
Efficient power management scheme through PD#,
CPU_STOP# and PCI_STOP#.
Uses external 14.318MHz crystal
Stop clocks and functional control available through
SMBus interface.
Key Specifications:
•
CPU Output Jitter <150ps
3V66 Output Jitter <250ps
CPU Output Skew <1oops
Block Diagram
X1
X2
Vtt_PWRGD#
PD#
CPU_STOP#
PCI STOP#
F:6:�l:
SCLK
Control
Logic
Config.
Reg.
48MHz_USB
48MHz_DOT
3V66 (4:2)
REF
:
CPUCLKT (1:0)
1 3
CPUCLKC (1:0)
1
PCICLK (10:0)
PCICLK_F (2:0)
I
,_________________,
0825F-11/19/03
GND 3
46 FS1
PCICLK_F0/PCICLK6 4
45 CPU_STOP#
PCICLK_F1/PCICLK7 5
44 VDDCPU
PCICLK_F2/PCICLK8 6
43 CPUCLKT0
GND 7
42 CPUCLKC0
PCICLK0 8
41 GND
PCICLK1 9
40 VDDCPU
*PCICLK2 10
00
39 CPUCLKT1
VDDPCI 11
00
38 CPUCLKC1
*PCICLK3 12
C)
37 IREF
PCICLK4 13
en
36 FS0
PCICLK5 14
ti)
35 48MHz_USB
0
VDD3V66 15
-
34 48MHz_DOT
GND 16
33 VDD48
3V66_2 17
32 GND
3V66_3 18
31 3V66_1NCH_CLK
3V66_4 19
30 PCI_STOP#
PCICLK9 20
29 PCICLK10
PD# 21
28 VDD3V66
VDDA 22
27 GND
GND 23
26 SCLK
Vtt_PWRGD# 24
25 SDATA
48-Pin 6.10 mm. Body, 0.50 mm. pitch TSSOP
*These outputs have selectable 1X/2X strength via SMBus
Frequency Select Table 1
Freq
Sel
3V66(4:1)
USB/DOT
CPU MHz
MHz
PCI MHz
REF MHz
MHz
FS FS
1
0
0
0
100.00
66.66
33.33
14.318
48.008
0
1
166.67
66.66
33.33
14.318
48.008
1
0
133.33
66.66
33.33
14.318
48.008
1
1
200.00
66.66
33.33
14.318
48.008


Similar Part No. - ICS950818

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950818 ICST-ICS950818 Datasheet
154Kb / 20P
Frequency Generator with 200MHz Differential CPU Clocks
ICS950818YG-T ICST-ICS950818YG-T Datasheet
154Kb / 20P
Frequency Generator with 200MHz Differential CPU Clocks
More results

Similar Description - ICS950818

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950805 ICST-ICS950805 Datasheet
148Kb / 20P
Frequency Generator with 200MHz Differential CPU Clocks
ICS950810 ICST-ICS950810 Datasheet
167Kb / 19P
Frequency Generator with 200MHz Differential CPU Clocks
ICS9250-38 ICST-ICS9250-38 Datasheet
136Kb / 18P
Frequency Generator with 200MHz Differential CPU Clocks
ICS950812 ICST-ICS950812 Datasheet
225Kb / 29P
Frequency Generator with 200MHz Differential CPU Clocks
ICS950813 ICST-ICS950813 Datasheet
253Kb / 22P
Frequency Generator with 200MHz Differential CPU Clocks
ICS950811 ICST-ICS950811 Datasheet
290Kb / 18P
Frequency Generator with 200MHz Differential CPU Clocks
logo
Integrated Device Techn...
ICS950812 IDT-ICS950812 Datasheet
233Kb / 30P
Frequency Generator with 200MHz Differential CPU Clocks
logo
Renesas Technology Corp
ICS950805 RENESAS-ICS950805 Datasheet
185Kb / 20P
Frequency Generator with 200MHz Differential CPU Clocks
02/25/05
ICS950810 RENESAS-ICS950810 Datasheet
410Kb / 20P
Frequency Generator with 200MHz Differential CPU Clocks
2019
ICS950811 RENESAS-ICS950811 Datasheet
288Kb / 18P
Frequency Generator with 200MHz Differential CPU Clocks
08/09/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com