Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT723663 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # IDT723663
Description  CMOS SyncFIFOTM WITH BUS-MATCHING
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDT723663 Datasheet(HTML) 4 Page - Renesas Technology Corp

  IDT723663 Datasheet HTML 1Page - Renesas Technology Corp IDT723663 Datasheet HTML 2Page - Renesas Technology Corp IDT723663 Datasheet HTML 3Page - Renesas Technology Corp IDT723663 Datasheet HTML 4Page - Renesas Technology Corp IDT723663 Datasheet HTML 5Page - Renesas Technology Corp IDT723663 Datasheet HTML 6Page - Renesas Technology Corp IDT723663 Datasheet HTML 7Page - Renesas Technology Corp IDT723663 Datasheet HTML 8Page - Renesas Technology Corp IDT723663 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
4
COMMERCIALTEMPERATURERANGE
IDT723663/723673 CMOS SyncFIFOTM WITH BUS-MATCHING
4,096 x 36 x 2 and 8,192 x 36 x 2
PIN DESCRIPTIONS
Symbol
Name
I/O
Description
A0-A35
Port A Data
I/O
36-bitbidirectionaldataportforsideA.
AE
Almost-EmptyFlag
O
Programmable Almost-Empty flag synchronized to CLKB. It is LOW when the number of words in the
(Port B)
FIFO is less than or equal to the value in the Almost-Empty B offset register, X.
AF
Almost-FullFlag
O
ProgrammableAlmost-FullflagsynchronizedtoCLKA.ItisLOWwhenthenumberofempty
(Port A)
locations in the FIFO is less than or equal to the value in the Almost-Full A offset register, Y.
B0-B35
Port B Data
I/O
36-bitbidirectionaldataportforsideB.
BE/FWFT
Big-Endian/
I
This is a dual purpose pin. During Master Reset, a HIGH on BE will select Big-Endian operation. In
FirstWord
this case, depending on the bus size, the most significant byte or word written to Port A is read from
Fall Through
PortBfirst.ALOWonBEwillselectLittle-Endianoperation.Inthiscase,theleastsignificantbyteor
word written to Port A is read from Port B first. After Master Reset, this pin selects the timing mode. A
HIGH on FWFT selects IDT Standard mode, a LOW selects First Word Fall Through mode. Once
the timing mode has been selected, the level on FWFT must be static throughout device operation.
BM(1)
Bus-MatchSelect
I
A HIGH on this pin enables either byte or word bus width on Port B, depending on the state of
(Port B)
SIZE. A LOW selects long word operation. BM works with SIZE and BE to select the bus size and
endian arrangement for Port B.The level of BM must be static throughout device operation.
CLKA
Port A Clock
I
CLKA is a continuous clock that synchronizes all data transfers through Port A and can be
asynchronous or coincident to CLKB. FF/IR and AF are synchronized to the LOW-to-HIGH
transitionofCLKA.
CLKB
Port B Clock
I
CLKB is a continuous clock that synchronizes all data transfers through Port B and can be
asynchronous or coincident to CLKA. EF/OR and AE are synchronized to the LOW-to-HIGH
transitionofCLKB.
CSA
Port A Chip
I
CSA must be LOW to enable to LOW-to-HIGH transition of CLKA to read or write on Port A.The
Select
A0-A35 outputs are in the high-impedance state when CSA is HIGH.
CSB
Port B Chip
I
CSB must be LOW to enable a LOW-to-HIGH transition of CLKB to read or write data on Port B.
Select
The B0-B35 outputs are in the high-impedance state when CSB is HIGH.
EF/OR
Empty/Output
O
This is a dual function pin. In the IDT Standard mode, the EF function is selected. EFindicates
Ready Flag
whetherornottheFIFOmemoryisempty.IntheFWFTmode,theORfunctionisselected.ORindicates
(Port B)
thepresenceofvaliddataontheB0-B35outputs,availableforreading. EF/ORissynchronizedtothe
LOW-to-HIGHtransitionofCLKB.
ENA
Port A Enable
I
ENA must be HIGH to enable a LOW-to-HIGH transition of CLKA to read or write data on Port A.
ENB
Port B Enable
I
ENB must be HIGH to enable a LOW-to-HIGH transition of CLKB to read or write data on Port B.
FF/IR
Full/Input
O
This is a dual function pin. In the IDT Standard mode, the FF function is selected. FF indicates
Ready Flag
whether or not the FIFO memory is full. In the FWFT mode, the IR function is selected. IR indicates
(Port A)
whether or not there is space available for writing to the FIFO memory. FF/IR is synchronized to the
LOW-to-HIGHtransitionofCLKA.
FS0/SD
FlagOffsetSelect0/
I
FS1/SEN and FS0/SD are dual-purpose inputs used for flag offset register programming. During
SerialData,
Reset,FS1/SENandFS0/SD,togetherwithFS2selecttheflagoffsetprogrammingmethod. Three
offsetregisterprogrammingmethodsareavailable:automaticallyloadoneoffivepresetvalues(8,
16, 64, 256 or 1,024), parallel load from Port A, and serial load.
FS1/SEN
FlagOffsetSelect1/
I
SerialEnable
When serial load is selected for flag offset register programming, FS1/SEN is used as an enable
synchronous to the LOW-to-HIGH transition of CLKA. When FS1/SEN is LOW, a rising edge on
FS2(1)
FlagOffsetSelect2
I
CLKA load the bit present on FS0/SD into the X and Y registers. The number of bit writes required
to program the offset registers is 24 for the IDT723663, and 26 for the IDT723673. The first bit write
stores the Y-register MSB and the last bit write stores the X-register LSB.
MBA
Port A Mailbox
I
A HIGH level on MBA chooses a mailbox register for a Port A read or write operation.
Select
MBB
Port B Mailbox
I
A HIGH level on MBB chooses a mailbox register for a Port B read or write operation. When the
Select
B0-B35 outputs are active, a HIGH level on MBB selects data from the mail1 register for output and
a LOW level selects FIFO data for output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com