Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT723663 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # IDT723663
Description  CMOS SyncFIFOTM WITH BUS-MATCHING
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDT723663 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button IDT723663 Datasheet HTML 17Page - Renesas Technology Corp IDT723663 Datasheet HTML 18Page - Renesas Technology Corp IDT723663 Datasheet HTML 19Page - Renesas Technology Corp IDT723663 Datasheet HTML 20Page - Renesas Technology Corp IDT723663 Datasheet HTML 21Page - Renesas Technology Corp IDT723663 Datasheet HTML 22Page - Renesas Technology Corp IDT723663 Datasheet HTML 23Page - Renesas Technology Corp IDT723663 Datasheet HTML 24Page - Renesas Technology Corp IDT723663 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
21
COMMERCIALTEMPERATURERANGE
IDT723663/723673 CMOS SyncFIFOTM WITH BUS-MATCHING
4,096 x 36 x 2 and 8,192 x 36 x 2
NOTES:
1. tSKEW1 is the minimum time between a rising CLKA edge and a rising CLKB edge for OR to transition HIGH and to clock the next word to the FIFO output register in three CLKB
cycles. If the time between the rising CLKA edge and rising CLKB edge is less than tSKEW1, then the transition of OR HIGH and load of the first word to the output register may
occur one CLKB cycle later than shown.
2. If Port B size is word or byte, OR is set LOW by the last word or byte read from the FIFO, respectively.
Figure 11. OR Flag Timing and First Data Word Fall Through when FIFO is Empty (FWFT Mode)
CSA
W/
RA
MBA
IR
A0-A35
CLKB
OR
CSB
W/RB
MBB
ENA
ENB
B0-B35
CLKA
5610 drw13
12
3
tCLKH
tCLKL
tCLK
tENS2
tENS2
tENH
tENH
tDS
tDH
tSKEW1
tCLK
tCLKL
tREF
tREF
tENS2
tENH
tA
Old Data in FIFO Output Register
W1
LOW
HIGH
LOW
HIGH
LOW
tCLKH
W1
HIGH
(1)
FIFO Empty



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com