| Electronic Components Datasheet Search |
|
IDT723663 Datasheet(PDF) 25 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
IDT723663 Datasheet(HTML) 25 Page - Renesas Technology Corp |
|
25 / 30 page ![]() 25 COMMERCIALTEMPERATURERANGE IDT723663/723673 CMOS SyncFIFOTM WITH BUS-MATCHING 4,096 x 36 x 2 and 8,192 x 36 x 2 Figure 17. Timing for Mail1 Register and MBF1 Flag (IDT Standard and FWFT Modes) NOTE: 1. If Port B is configured for word size, data can be written to the Mail1 Register using A0-A17 (A18-A35 are don't care inputs). In this first case B0-B17 will have valid data (B18- B35 will be indeterminate). If Port B is configured for byte size, data can be written to the Mail1 Register using A0-A8 (A9-A35 are don't care inputs). In this second case, B0-B8 will have valid data (B9-B35 will be indeterminate). NOTES: 1. tSKEW2 is the minimum time between a rising CLKA edge and a rising CLKB edge for AF to transition HIGH in the next CLKA cycle. If the time between the rising CLKA edge and rising CLKB edge is less than tSKEW2, then AF may transition HIGH one CLKA cycle later than shown. 2. FIFO Write (CSA = LOW, W/RA = HIGH, MBA = LOW), FIFO read (CSB = LOW, W/RB = HIGH, MBB = LOW). Data in the FIFO output register has been read from the FIFO. 3. D = Maximum FIFO Depth = 4,096 for the IDT723663, 8,192 for the IDT723673. 4. If Port B size is word or byte, tSKEW2 is referenced from the rising CLKB edge that reads the last word or byte of the long word, respectively. Figure 16. Timing for AF when the FIFO is Almost-Full (IDT Standard and FWFT Modes). AF CLKA ENB 5610 drw18 ENA CLKB 12 tSKEW2 tENS2 tENH tPAF tENS2 tENH tPAF [D-(Y+1)] Words in FIFO (D-Y) Words in FIFO (1) 5610 drw19 CLKA ENA A0-A35 MBA CSA W/ RA CLKB MBF1 CSB MBB ENB B0-B35 W/RB tENS1 tENH tDS tDH tPMF tPMF tENS2 tENH tDIS tEN tMDV tPMR FIFO Output Register W1 (Remains valid in Mail1 Register after read) tENS1 tENH tENH tENS2 tENH tENS2 W1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |