Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54HC4051F3A Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC4051F3A
Description  CDx4HC405x, CDx4HCT405x High-Speed CMOS Logic Analog Multiplexers and Demultiplexers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC4051F3A Datasheet(HTML) 1 Page - Texas Instruments

  CD54HC4051F3A Datasheet HTML 1Page - Texas Instruments CD54HC4051F3A Datasheet HTML 2Page - Texas Instruments CD54HC4051F3A Datasheet HTML 3Page - Texas Instruments CD54HC4051F3A Datasheet HTML 4Page - Texas Instruments CD54HC4051F3A Datasheet HTML 5Page - Texas Instruments CD54HC4051F3A Datasheet HTML 6Page - Texas Instruments CD54HC4051F3A Datasheet HTML 7Page - Texas Instruments CD54HC4051F3A Datasheet HTML 8Page - Texas Instruments CD54HC4051F3A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
TG
TG
TG
TG
TG
TG
TG
3
A
COMMON
OUT/IN
BINARY
TO
1 OF 8
DECODER
WITH
ENABLE
11
10
9
6
E
S2
S
1
S0
LOGIC
LEVEL
CONVERSION
8
7
GND
VEE
16
VCC
13
14
15
12
1
5
2
4
A
A
A
A
A
A
A
A
7
6
5
4
3
2
1
0
CHANNEL IN/OUT
TG
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
CD54HC4051, CD74HC4051
CD54HCT4051, CD74HCT4051, CD54HC4052, CD74HC4052, CD54HCT4052
CD74HCT4052, CD54HC4053, CD74HC4053, CD54HCT4053, CD74HCT4053
SCHS122M – NOVEMBER 1997 – REVISED MAY 2019
CDx4HC405x, CDx4HCT405x High-Speed CMOS Logic Analog
Multiplexers and Demultiplexers
1
1 Features
1
•
Wide Analog Input Voltage Range: ±5-V Maximum
•
Low ON-Resistance
–
70-Ω Typical (VCC – VEE = 4.5 V)
–
40-Ω Typical (VCC – VEE = 9 V)
•
Low Crosstalk Between Switches
•
Fast Switching and Propagation Speeds
•
Break-Before-Make Switching
•
Wide Operating Temperature Range:
–55°C to +125°C
•
CD54HC and CD74HC Types
–
Operation Control Voltage: 2 V to 6 V
–
Switch Voltage: 0 V to 10 V
•
CD54HCT and CD74HCT Types
–
Operation Control Voltage: 4.5 V to 5.5 V
–
Switch Voltage: 0 V to 10 V
–
Direct LSTTL Input Logic Compatibility
VIL = 0.8-V Max, VIH = 2-V Min
–
CMOS Input Compatibility
II ≤ 1 µA at VOL, VOH
•
On Products Compliant to MIL-PRF-38535,
All Parameters Are Tested Unless Otherwise
Noted. On All Other Products, Production
Processing Does Not Necessarily Include Testing
of All Parameters.
2 Applications
•
Digital Radio
•
Signal Gating
•
Factory Automation
•
Televisions
•
Appliances
•
Programmable Logic Circuits
•
Sensors
3 Description
The CDx4HC405x and CDx4HCT405x devices are
digitally controlled analog switches that use silicon
gate CMOS technology to achieve operating speeds
similar to LSTTL with the low-power consumption of
standard CMOS integrated circuits.
These analog multiplexers and demultiplexers control
analog voltages that may vary across the voltage
supply range (for example, VCC to VEE). They are
bidirectional switches that allow any analog input to
be used as an output and vice versa. The switches
have low ON resistance and low OFF leakages. In
addition, all these devices have an enable control
that, when high, disables all switches to their OFF
state.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
CD54HCx405xF
CDIP (16)
19.56 mm × 6.92 mm
CD74HCx405xE
PDIP (16)
19.30 mm × 6.35 mm
CD74HCx405xM
SOIC (16)
9.90 mm × 3.91 mm
CD74HCx405xNS
SOP (16)
10.30 mm × 5.30 mm
CD74HCx405xPW
TSSOP (16)
5.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Functional Diagram of HC4051 and HCT4051


Similar Part No. - CD54HC4051F3A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC4051F3A TI-CD54HC4051F3A Datasheet
466Kb / 27P
High Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051F3A TI-CD54HC4051F3A Datasheet
465Kb / 26P
High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051F3A TI-CD54HC4051F3A Datasheet
521Kb / 30P
High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051F3A TI-CD54HC4051F3A Datasheet
643Kb / 29P
High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051F3A TI-CD54HC4051F3A Datasheet
784Kb / 30P
High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
More results

Similar Description - CD54HC4051F3A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC4051 TI-CD54HC4051 Datasheet
466Kb / 27P
High Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD74HC4351 TI-CD74HC4351 Datasheet
96Kb / 15P
High Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD54HC4351 TI-CD54HC4351 Datasheet
319Kb / 20P
High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD54HC405 TI-CD54HC405 Datasheet
465Kb / 26P
High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_07 Datasheet
521Kb / 30P
High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4351 TI-CD54HC4351_07 Datasheet
473Kb / 23P
High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD54HC4051 TI-CD54HC4051_04 Datasheet
643Kb / 29P
High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_10 Datasheet
784Kb / 30P
High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051_101 TI-CD54HC4051_101 Datasheet
780Kb / 31P
High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI1-CD54HC4051_15 Datasheet
1Mb / 45P
High-Speed CMOS Logic Analog Multiplexers and Demultiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com