Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54HC4051F3A Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC4051F3A
Description  CDx4HC405x, CDx4HCT405x High-Speed CMOS Logic Analog Multiplexers and Demultiplexers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC4051F3A Datasheet(HTML) 17 Page - Texas Instruments

Back Button CD54HC4051F3A Datasheet HTML 13Page - Texas Instruments CD54HC4051F3A Datasheet HTML 14Page - Texas Instruments CD54HC4051F3A Datasheet HTML 15Page - Texas Instruments CD54HC4051F3A Datasheet HTML 16Page - Texas Instruments CD54HC4051F3A Datasheet HTML 17Page - Texas Instruments CD54HC4051F3A Datasheet HTML 18Page - Texas Instruments CD54HC4051F3A Datasheet HTML 19Page - Texas Instruments CD54HC4051F3A Datasheet HTML 20Page - Texas Instruments CD54HC4051F3A Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 49 page
background image
FREQUENCY (Hz)
10K
100K
1M
10M
100M
−80
−100
VCC = 2.25 V
GND = −2.25 V
VEE = −2.25 V
RL = 50 Ω
PIN 5 TO 4
0
−40
−60
−20
VCC = 4.5 V
GND = −4.5 V
VEE = −4.5 V
RL = 50 Ω
PIN 5 TO 4
0
−1
−2
−3
−4
FREQUENCY (Hz)
10K
100K
1M
10M
100M
VCC = 2.25 V
GND = −2.25 V
VEE = −2.25 V
RL = 50 Ω
PIN 5 TO 4
VCC = 4.5 V
GND = −4.5 V
VEE = −4.5 V
RL = 50 Ω
PIN 5 TO 4
FREQUENCY (Hz)
10K
100K
1M
10M
100M
−10
−2
0
−4
−6
−8
VCC = 4.5 V
GND = −4.5 V
VEE = −4.5 V
RL = 50 Ω
PIN 4 TO 3
VCC = 2.25 V
GND = −2.25 V
VEE = −2.25 V
RL = 50 Ω
PIN 4 TO 3
FREQUENCY (Hz)
10K
100K
1M
10M
100M
−80
−100
VCC = 4.5 V
GND = −4.5 V
VEE = −4.5V
RL = 50 Ω
PIN 4 TO 3
VCC = 2.25 V
GND = −2.25 V
VEE = −2.25 V
RL = 50 Ω
PIN 4 TO 3
−20
0
−40
−60
FREQUENCY (Hz)
10K
100K
1M
10M
100M
VCC = 4.5 V
GND = −4.5 V
VEE = −4.5 V
RL = 50 Ω
PIN 12 TO 3
VCC = 2.25 V
GND = −2.25 V
VEE = −2.25 V
RL = 50 Ω
PIN 12 TO 3
−80
−100
−20
0
−40
−60
FREQUENCY (Hz)
10K
100K
1M
10M
100M
−4
−6
−8
−10
−2
0
VCC = 4.5 V
GND = −4.5 V
VEE = −4.5 V
RL = 50 Ω
PIN 12 TO 3
VCC = 2.25 V
GND = −2.25 V
VEE = −2.25 V
RL = 50 Ω
PIN 12 TO 3
17
CD54HC4051, CD74HC4051
CD54HCT4051, CD74HCT4051, CD54HC4052, CD74HC4052, CD54HCT4052
CD74HCT4052, CD54HC4053, CD74HC4053, CD54HCT4053, CD74HCT4053
www.ti.com
SCHS122M – NOVEMBER 1997 – REVISED MAY 2019
Product Folder Links: CD54HC4051 CD74HC4051 CD54HCT4051 CD74HCT4051 CD54HC4052 CD74HC4052
CD54HCT4052 CD74HCT4052 CD54HC4053 CD74HC4053 CD54HCT4053 CD74HCT4053
Submit Documentation Feedback
Copyright © 1997–2019, Texas Instruments Incorporated
6.10 Typical Characteristics
Figure 3. Channel ON Bandwidth
(HC and HCT4051)
Figure 4. Channel OFF Feedthrough
(HC and HCT4051)
Figure 5. Channel ON Bandwidth
(HC and HCT4052)
Figure 6. Channel OFF Feedthrough
(HC and HCT4052)
Figure 7. Channel ON Bandwidth
(HC and HCT4053)
Figure 8. Channel OFF Feedthrough
(HC and HCT4053)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com