Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54HC4051F3A Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC4051F3A
Description  CDx4HC405x, CDx4HCT405x High-Speed CMOS Logic Analog Multiplexers and Demultiplexers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC4051F3A Datasheet(HTML) 24 Page - Texas Instruments

Back Button CD54HC4051F3A Datasheet HTML 20Page - Texas Instruments CD54HC4051F3A Datasheet HTML 21Page - Texas Instruments CD54HC4051F3A Datasheet HTML 22Page - Texas Instruments CD54HC4051F3A Datasheet HTML 23Page - Texas Instruments CD54HC4051F3A Datasheet HTML 24Page - Texas Instruments CD54HC4051F3A Datasheet HTML 25Page - Texas Instruments CD54HC4051F3A Datasheet HTML 26Page - Texas Instruments CD54HC4051F3A Datasheet HTML 27Page - Texas Instruments CD54HC4051F3A Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 49 page
background image
120
100
80
60
40
20
1
2
3
4
5
6
7
8
9
INPUT SIGNAL VOLTAGE (V)
VCC − VEE = 4.5V
VCC − VEE = 6V
VCC − VEE = 9V
24
CD54HC4051, CD74HC4051
CD54HCT4051, CD74HCT4051, CD54HC4052, CD74HC4052, CD54HCT4052
CD74HCT4052, CD54HC4053, CD74HC4053, CD54HCT4053, CD74HCT4053
SCHS122M – NOVEMBER 1997 – REVISED MAY 2019
www.ti.com
Product Folder Links: CD54HC4051 CD74HC4051 CD54HCT4051 CD74HCT4051 CD54HC4052 CD74HC4052
CD54HCT4052 CD74HCT4052 CD54HC4053 CD74HC4053 CD54HCT4053 CD74HCT4053
Submit Documentation Feedback
Copyright © 1997–2019, Texas Instruments Incorporated
Typical Application (continued)
See Table 4 for the input loading details.
(1)
Unit load is ΔICC limit specified in Specifications, for example, 360-mA MAX at 25°C.
Table 4. HCT Input Loading Table
TYPE
INPUT
UNIT LOADS(1)
4051, 4053
All
0.5
4052
All
0.4
9.2.2 Detailed Design Procedure
1. Recommended input conditions:
–
For switch time specifications, see propagation delay times in Electrical Characteristics: HC Devices.
–
Inputs must not be pushed more than 0.5 V above VDD or below VEE.
–
For input voltage level specifications for control inputs, see VIH and VIL in Electrical Characteristics: HC
Devices.
2. Recommended output conditions:
–
Outputs must not be pulled above VDD or below VEE.
3. Input and output current consideration:
–
The CDx4HCx405x series of parts do not have internal current-drive circuitry, and thus cannot sink or
source current. Any current will be passed through the device.
9.2.3 Application Curve
Figure 21. Typical ON Resistance vs Input Signal Voltage
10 Power Supply Recommendations
The power supply can be any voltage between the minimum and maximum supply voltage rating located in the
Electrical Characteristics: HC Devices.
Each VCC terminal must have a good bypass capacitor to prevent power disturbance. For devices with a single
supply, a 0.1-μF bypass capacitor is recommended. If there are multiple pins labeled VCC, then a 0.01-μF or
0.022-μF capacitor is recommended for each VCC because the VCC pins will be tied together internally. For
devices with dual-supply pins operating at different voltages, for example VCC and VDD, a 0.1-µF bypass
capacitor is recommended for each supply pin. It is acceptable to parallel multiple bypass capacitors to reject
different frequencies of noise. A 0.1-μF and a 1-μF capacitor are commonly used in parallel. For best results, the
bypass capacitor or capacitors must be installed as close as possible to the power terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com