Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54HC4051F3A Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC4051F3A
Description  CDx4HC405x, CDx4HCT405x High-Speed CMOS Logic Analog Multiplexers and Demultiplexers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC4051F3A Datasheet(HTML) 9 Page - Texas Instruments

Back Button CD54HC4051F3A Datasheet HTML 5Page - Texas Instruments CD54HC4051F3A Datasheet HTML 6Page - Texas Instruments CD54HC4051F3A Datasheet HTML 7Page - Texas Instruments CD54HC4051F3A Datasheet HTML 8Page - Texas Instruments CD54HC4051F3A Datasheet HTML 9Page - Texas Instruments CD54HC4051F3A Datasheet HTML 10Page - Texas Instruments CD54HC4051F3A Datasheet HTML 11Page - Texas Instruments CD54HC4051F3A Datasheet HTML 12Page - Texas Instruments CD54HC4051F3A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
9
CD54HC4051, CD74HC4051
CD54HCT4051, CD74HCT4051, CD54HC4052, CD74HC4052, CD54HCT4052
CD74HCT4052, CD54HC4053, CD74HC4053, CD54HCT4053, CD74HCT4053
www.ti.com
SCHS122M – NOVEMBER 1997 – REVISED MAY 2019
Product Folder Links: CD54HC4051 CD74HC4051 CD54HCT4051 CD74HCT4051 CD54HC4052 CD74HC4052
CD54HCT4052 CD74HCT4052 CD54HC4053 CD74HC4053 CD54HCT4053 CD74HCT4053
Submit Documentation Feedback
Copyright © 1997–2019, Texas Instruments Incorporated
Electrical Characteristics: HC Devices (continued)
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIS
(V)
VI
(V)
VEE
(V)
VCC
(V)
TA
IIZ
Switch
ON/OFF
leakage
current
1 and 2
channels
For switch OFF:
When VIS = VCC,
VOS = VEE;
When VIS = VEE,
VOS = VCC,
For switch ON:
All applicable
combinations of
VIS and VOS
voltage levels
VIL
or
VIH
0
6
25°C
±0.1
µA
–40°C to
+85°C
±1
–55°C to
+125°C
±1
4053
–5
5
25°C
±0.1
–40°C to
+85°C
±1
–55°C to
+125°C
±1
4 channels
0
6
25°C
±0.1
–40°C to
+85°C
±1
–55°C to
+125°C
±1
4052
–5
5
25°C
±0.2
–40°C to
+85°C
±2
–55°C to
+125°C
±2
8 channels
0
6
25°C
±0.2
–40°C to
+85°C
±2
–55°C to
+125°C
±2
4051
–5
5
25°C
±0.4
–40°C to
+85°C
±4
–55°C to
+125°C
±4
IIL
Control input leakage current
VCC
or
GND
0
6
25°C
±0.1
µA
–40°C to
+85°C
±1
–55°C to
+125°C
±1
ICC
Quiescent
device
current
IO = 0
When VIS = VEE,
VOS = VCC
VCC
or
GND
0
6
25°C
8
µA
–40°C to
+85°C
80
–55°C to
+125°C
160
When VIS = VCC,
VOS = VEE
–5
5
25°C
16
–40°C to
+85°C
160
–55°C to
+125°C
320



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com