Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP3417G Datasheet(PDF) 43 Page - Micronas

Part # MSP3417G
Description  Multistandard Sound Processor Family
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3417G Datasheet(HTML) 43 Page - Micronas

Back Button MSP3417G Datasheet HTML 39Page - Micronas MSP3417G Datasheet HTML 40Page - Micronas MSP3417G Datasheet HTML 41Page - Micronas MSP3417G Datasheet HTML 42Page - Micronas MSP3417G Datasheet HTML 43Page - Micronas MSP3417G Datasheet HTML 44Page - Micronas MSP3417G Datasheet HTML 45Page - Micronas MSP3417G Datasheet HTML 46Page - Micronas MSP3417G Datasheet HTML 47Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 81 page
background image
PRELIMINARY DATA SHEET
MSP 34x7G
Micronas
43
4.6.2.3. Recommendations for Analog Sound IF Input Signal
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
CVREFTOP
VREFTOP-Filter-Capacitor
VREFTOP
−20%
10
µF
Ceramic Capacitor in Parallel
−20%
100
nF
FIF_FMTV
Analog Input Frequency Range
for TV applications
ANA_IN1+,
ANA_IN
−
09
MHz
FIF_FMRADIO
Analog Input Frequency for
FM-Radio Applications
10.7
MHz
VIF_FM
Analog Input Range FM/NICAM
0.1
0.8
3
Vpp
VIF_AM
Analog Input Range AM/NICAM
0.1
0.45
0.8
Vpp
RFMNI
Ratio: NICAM Carrier/FM Carrier
(unmodulated carriers)
BG:
I:
−20
−23
−7
−10
0
0
dB
dB
RAMNI
Ratio: NICAM Carrier/AM Carrier
(unmodulated carriers)
−25
−11
0
dB
RFM
Ratio: FM-Main/FM-Sub Satellite
7
dB
RFM1/FM2
Ratio: FM1/FM2
German FM-System
7dB
RFC
Ratio: Main FM Carrier/
Color Carrier
15
––
dB
RFV
Ratio: Main FM Carrier/
Luma Components
15
––
dB
PRIF
Passband Ripple
––
±2dB
SUPHF
Suppression of Spectrum
above 9.0 MHz (not for FM Radio)
15
–
dB
FMMAX
Maximum FM-Deviation (approx.)
normal mode
HDEV2: high deviation mode
HDEV3: very high deviation mode
±180
±360
±540
kHz
kHz
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com