Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP3417G Datasheet(PDF) 75 Page - Micronas

Part # MSP3417G
Description  Multistandard Sound Processor Family
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3417G Datasheet(HTML) 75 Page - Micronas

Back Button MSP3417G Datasheet HTML 71Page - Micronas MSP3417G Datasheet HTML 72Page - Micronas MSP3417G Datasheet HTML 73Page - Micronas MSP3417G Datasheet HTML 74Page - Micronas MSP3417G Datasheet HTML 75Page - Micronas MSP3417G Datasheet HTML 76Page - Micronas MSP3417G Datasheet HTML 77Page - Micronas MSP3417G Datasheet HTML 78Page - Micronas MSP3417G Datasheet HTML 79Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 81 page
background image
PRELIMINARY DATA SHEET
MSP 34x7G
Micronas
75
6.7. Demodulator Source Channels in Manual Mode
6.7.1. Terrestric Sound Standards
Table 6–17 shows the source channel assignment of
the demodulated signals in case of manual mode for
all terrestric sound standards. See Table 2–2 for the
assignment in the Automatic Sound Select mode. In
manual mode for terrestric sound standards, only two
demodulator sources are defined.
6.7.2. SAT Sound Standards
Table 6–18 shows the source channel assignment of
the demodulated signals for SAT sound standards.
6.8. Exclusions of Audio Baseband Features
In general, all functions can be switched independently.
Two exceptions exist:
1. NICAM cannot be processed simultaneously with
the FM2 channel.
2. FM adaptive deemphasis cannot be processed
simultaneously with FM-identification.
6.9. Compatibility Restrictions to MSP 34x7D
The MSP 34x7G is fully hardware compatible to the
MSP 34x7D. However, to substitute a MSP 34x7D by
the corresponding MSP 34x7G, the controller software
has to be adapted slightly:
1. The register FM-Matrix (00 0Ehex low part) must be
changed from “no matrix (00hex)” to “sound A mono
(03hex)” during mono transmission of all TV-sound
standards (see also Table 6–17).
2. With the MSP 34x7G, the STANDARD SELECTION
initializes the FM-deemphasis, which is not the case
for the MSP 34x7D. So, if STANDARD SELECTION
is applied, this I2C instruction can be omitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com