Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP3417G Datasheet(PDF) 25 Page - Micronas

Part # MSP3417G
Description  Multistandard Sound Processor Family
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3417G Datasheet(HTML) 25 Page - Micronas

Back Button MSP3417G Datasheet HTML 21Page - Micronas MSP3417G Datasheet HTML 22Page - Micronas MSP3417G Datasheet HTML 23Page - Micronas MSP3417G Datasheet HTML 24Page - Micronas MSP3417G Datasheet HTML 25Page - Micronas MSP3417G Datasheet HTML 26Page - Micronas MSP3417G Datasheet HTML 27Page - Micronas MSP3417G Datasheet HTML 28Page - Micronas MSP3417G Datasheet HTML 29Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 81 page
background image
PRELIMINARY DATA SHEET
MSP 34x7G
Micronas
25
SOURCE SELECT AND OUTPUT CHANNEL MATRIX
00 08hex
00 0Ahex
00 0Chex
Source for:
Loudspeaker Output
SCART1 DA Output
Quasi-Peak Detector
bit[15:8]
0
“FM/AM”: demodulated FM or AM mono signal
1
“Stereo or A/B”: demodulator Stereo or A/B signal
(in manual mode, this source is identical to the NICAM
source in the MSP 3417D)
3
“Stereo or A”: demodulator Stereo Sound or
Language A (only defined for Automatic Sound Select)
4
“Stereo or B”: demodulator Stereo Sound or
Language B (only defined for Automatic Sound Select)
2SCART input
For demodulator sources, see Table 2–2.
SRC_MAIN
SRC_SCART1
SRC_QPEAK
00 08hex
00 0Ahex
00 0Chex
Matrix Mode for:
Loudspeaker Output
SCART1 DA Output
Quasi-Peak Detector
bit[7:0]
00hex
Sound A Mono (or Left Mono) (RESET condition)
10hex
Sound B Mono (or Right Mono)
20hex
Stereo (transparent mode)
30hex
Mono (sum of left and right inputs divided by 2)
special modes are available (see Section 6.5.1. on page 73)
In Automatic Sound Select mode, the demodulator source channels are set
according to Table 2–2. Therefore, the matrix modes of the corresponding out-
put channels should be set to “Stereo” (transparent).
MAT_MAIN
MAT_SCART1
MAT_QPEAK
Table 3–11: Write Registers on I2C Subaddress 12hex, continued
Register
Address
Function
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com