Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP3417G Datasheet(PDF) 23 Page - Micronas

Part # MSP3417G
Description  Multistandard Sound Processor Family
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3417G Datasheet(HTML) 23 Page - Micronas

Back Button MSP3417G Datasheet HTML 19Page - Micronas MSP3417G Datasheet HTML 20Page - Micronas MSP3417G Datasheet HTML 21Page - Micronas MSP3417G Datasheet HTML 22Page - Micronas MSP3417G Datasheet HTML 23Page - Micronas MSP3417G Datasheet HTML 24Page - Micronas MSP3417G Datasheet HTML 25Page - Micronas MSP3417G Datasheet HTML 26Page - Micronas MSP3417G Datasheet HTML 27Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 81 page
background image
PRELIMINARY DATA SHEET
MSP 34x7G
Micronas
23
3.3.2.6. Write Registers on I2C Subaddress 12hex
Table 3–11: Write Registers on I2C Subaddress 12hex
Register
Address
Function
Name
PREPROCESSING
00 0Ehex
FM/AM Prescale
bit[15:8]
00hex
Defines the input prescale gain for the demodulated
...
FM or AM signal
7Fhex
00hex
off (RESET condition)
For all FM modes except satellite FM and AM-mode, the combinations of pres-
cale value and FM deviation listed below lead to internal full scale.
FM mode
bit[15:8]
7Fhex
28 kHz FM deviation
48hex
50 kHz FM deviation
30hex
75 kHz FM deviation
24hex
100 kHz FM deviation
18hex
150 kHz FM deviation
13hex
180 kHz FM deviation (limit)
FM high deviation mode (HDEV2, MSP Standard Code = Chex)
bit[15:8]
30hex
150 kHz FM deviation
14hex
360 kHz FM deviation (limit)
FM very high deviation mode (HDEV3, MSP Standard Code = 6hex and Dhex)
bit[15:8]
20hex
450 kHz FM deviation
1Ahex
540 kHz FM deviation (limit)
Satellite FM with adaptive deemphasis
bit[15:8]
10hex
recommendation
AM mode (MSP Standard Code = 9hex)
bit[15:8]
7Chex
recommendation for SIF input levels from
0.1 Vpp to 0.8 Vpp
(Due to the AGC being switched on, the AM-output level
remains stable and independent of the actual SIF-level in
the mentioned input range)
PRE_FM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com