Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9992 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9992
Description  12-Bit CCD Signal Processor with Precision Timing Generator
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9992 Datasheet(HTML) 4 Page - Analog Devices

  AD9992 Datasheet HTML 1Page - Analog Devices AD9992 Datasheet HTML 2Page - Analog Devices AD9992 Datasheet HTML 3Page - Analog Devices AD9992 Datasheet HTML 4Page - Analog Devices AD9992 Datasheet HTML 5Page - Analog Devices AD9992 Datasheet HTML 6Page - Analog Devices AD9992 Datasheet HTML 7Page - Analog Devices AD9992 Datasheet HTML 8Page - Analog Devices AD9992 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 92 page
background image
AD9992
Rev. C | Page 4 of 92
DIGITAL SPECIFICATIONS
IOVDD = 1.6 V to 3.6 V, RGVDD = HVDD = 2.7 V to 3.6 V, CL = 20 pF, TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
LOGIC INPUTS (IOVDD)
High Level Input Voltage
VIH
VDD − 0.6
V
Low Level Input Voltage
VIL
0.6
V
High Level Input Current
IIH
10
μA
Low Level Input Current
IIL
10
μA
Input Capacitance
CIN
10
pF
LOGIC OUTPUTS (IOVDD, XVDD)
High Level Output Voltage @ IOH = 2 mA
VOH
VDD − 0.5
V
Low Level Output Voltage @ IOL = 2 mA
VOL
0.5
V
RG and H-DRIVER OUTPUTS (HVDD, RGVDD)
High Level Output Voltage @ Maximum Current
VOH
VDD − 0.5
V
Low Level Output Voltage @ Maximum Current
VOL
0.5
V
Maximum Output Current (Programmable)
18
mA
Maximum Load Capacitance (for Each Output)
60
pF
800mV
MAXIMUM
MINIMUM INPUT LIMIT
(AVSS – 0.2V)
0V (AVSS)
1V MAXIMUM INPUT SIGNAL RANGE
(0dB CDS GAIN)
+1.3V TYP (AVDD – 0.5V)
DC RESTORE VOLTAGE
+1.8V TYP (AVDD)
MAXIMUM INPUT LIMIT = LESSER OF
2.2V or AVDD + 0.2V
200mV MAX
OPTICAL BLACK PIXEL
500mV TYP
RESET TRANSIENT
Figure 2. Input Signal Characteristics
(See Allowable OB Pixel Amplitude in Table 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com