Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9992 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9992
Description  12-Bit CCD Signal Processor with Precision Timing Generator
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9992 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9992 Datasheet HTML 3Page - Analog Devices AD9992 Datasheet HTML 4Page - Analog Devices AD9992 Datasheet HTML 5Page - Analog Devices AD9992 Datasheet HTML 6Page - Analog Devices AD9992 Datasheet HTML 7Page - Analog Devices AD9992 Datasheet HTML 8Page - Analog Devices AD9992 Datasheet HTML 9Page - Analog Devices AD9992 Datasheet HTML 10Page - Analog Devices AD9992 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 92 page
background image
AD9992
Rev. C | Page 7 of 92
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
With
Respect To
Rating
AVDD
AVSS
−0.2 V to +2.2 V
TCVDD
TCVSS
−0.2 V to +2.2 V
HVDD1/HVDD2
HVSS1/HVSS2
−0.3 V to +3.9 V
RGVDD
RGVSS
−0.3 V to +3.9 V
DVDD
DVSS
−0.2 V to +2.2 V
DRVDD
DRVSS
−0.3 V to +3.9 V
IOVDD
DVSS
−0.3 V to +3.9 V
XVVDD
DVSS
−0.3 V to +3.9 V
CLIVDD
TCVSS
−0.3 V to +3.9 V
CP1P8
CPVSS
−0.2 V to +2.2 V
RG Output
RGVSS
−0.3 V to RGVDD + 0.3 V
H1 to H8, HL Output
HVSS1/HVSS2
−0.3 V to HVDD + 0.3 V
Digital Outputs
DVSS
−0.3 V to IOVDD + 0.3 V
Digital Inputs
DVSS
−0.3 V to IOVDD + 0.3 V
SCK, SL, SDATA
DVSS
−0.3 V to IOVDD + 0.3 V
REFT, REFB, CCDIN
AVSS
−0.2 V to AVDD + 0.2 V
Junction Temperature
150°C
Lead Temperature,
10 sec
350°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 6. Thermal Resistance
Package Type
θJA
Unit
106-Lead CSP_BGA
40.3
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com