Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9992 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9992
Description  12-Bit CCD Signal Processor with Precision Timing Generator
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9992 Datasheet(HTML) 1 Page - Analog Devices

  AD9992 Datasheet HTML 1Page - Analog Devices AD9992 Datasheet HTML 2Page - Analog Devices AD9992 Datasheet HTML 3Page - Analog Devices AD9992 Datasheet HTML 4Page - Analog Devices AD9992 Datasheet HTML 5Page - Analog Devices AD9992 Datasheet HTML 6Page - Analog Devices AD9992 Datasheet HTML 7Page - Analog Devices AD9992 Datasheet HTML 8Page - Analog Devices AD9992 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 92 page
background image
12-Bit CCD Signal Processor with
Precision Timing Generator
AD9992
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006–2007 Analog Devices, Inc. All rights reserved.
FEATURES
1.8 V AFETG core
Internal LDO regulator and charge pump circuitry
Compatibility with 3 V or 1.8 V systems
24 programmable vertical clock outputs
Correlated double sampler (CDS) with −3 dB, 0 dB,
+3 dB, and +6 dB gain
6 dB to 42 dB, 10-bit variable gain amplifier (VGA)
12-bit, 40 MHz ADC
Black level clamp with variable level control
Complete on-chip timing generator
Precision Timing core with 400 ps resolution
On-chip 3 V horizontal and RG drivers
General-purpose outputs (GPOs) for shutter and
system support
On-chip driver for external crystal
On-chip sync generator with external sync input
105-lead CSP_BGA package, 8 mm × 8 mm, 0.65 mm pitch
APPLICATIONS
Digital still cameras
GENERAL DESCRIPTION
The AD9992 is a highly integrated CCD signal processor for
digital still camera applications. It includes a complete analog
front end with analog to digital conversion combined with
a full-function programmable timing generator. The timing
generator is capable of supporting up to 24 vertical clock signals
to control advanced CCDs. A Precision Timing™ core allows
adjustment of high speed clocks with approximately 400 ps
resolution at 40 MHz operation. The AD9992 also contains
eight general-purpose inputs/outputs that can be used for
shutter and system functions.
The AD9992 is specified at pixel rates of up to 40 MHz. The
analog front end includes black level clamping, CDS, VGA, and
a 12-bit analog-to-digital converter (ADC). The timing generator
provides all the necessary CCD clocks: RG, H-clocks, V-clocks,
sensor gate pulses, substrate clock, and substrate bias control.
Operation is programmed using a 3-wire serial interface.
The AD9992 is specified over an operating temperature range
of −25°C to +85°C.
FUNCTIONAL BLOCK DIAGRAM
AD9992
CDS
VGA
CLAMP
12-BIT
ADC
SL
SCK
SDATA
CLI
DOUT
VREF
6dB TO 42dB
HORIZONTAL
DRIVERS
VERTICAL
TIMING
CONTROL
RG
H1 TO H8
24
REFT REFB
PRECISION
TIMING
GENERATOR
SYNC
GENERATOR
INTERNAL CLOCKS
HD
VD SYNC
INTERNAL
REGISTERS
CCDIN
–3dB, 0dB, +3dB, +6dB
12
HL
CLO
GPO1 TO GPO8
XV1 TO XV24
XSUBCK
3V OUTPUT
1.8V INPUT
8
8
CHARGE
PUMP
1.8V OUTPUT
3V INPUT
LDO
REG
Figure 1.


Similar Part No. - AD9992

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9992 AD-AD9992 Datasheet
1Mb / 92P
12-Bit CCD Signal Processor with Precision Timing Generator
Rev. C
AD9992BBCZ AD-AD9992BBCZ Datasheet
1Mb / 92P
12-Bit CCD Signal Processor with Precision Timing Generator
REV. C
AD9992BBCZ AD-AD9992BBCZ Datasheet
1Mb / 92P
12-Bit CCD Signal Processor with Precision Timing Generator
Rev. C
AD9992BBCZRL AD-AD9992BBCZRL Datasheet
1Mb / 92P
12-Bit CCD Signal Processor with Precision Timing Generator
REV. C
AD9992BBCZRL AD-AD9992BBCZRL Datasheet
1Mb / 92P
12-Bit CCD Signal Processor with Precision Timing Generator
Rev. C
More results

Similar Description - AD9992

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9994 AD-AD9994 Datasheet
63Kb / 2P
12-Bit CCD Signal Processor with Precision Timing Generator
AD9995 AD-AD9995 Datasheet
1Mb / 60P
12-Bit CCD Signal Processor with Precision Timing ??Generator
REV.0
AD9971 AD-AD9971 Datasheet
67Kb / 2P
12-Bit CCD Signal Processor with Precision Timing
Rev. SpA
AD9992 AD-AD9992_07 Datasheet
1Mb / 92P
12-Bit CCD Signal Processor with Precision Timing Generator
REV. C
AD9992 AD-AD9992 Datasheet
1Mb / 92P
12-Bit CCD Signal Processor with Precision Timing Generator
Rev. C
AD9937 AD-AD9937_15 Datasheet
416Kb / 44P
CCD Signal Processor with Precision Timing Generator
REV. 0
AD9929 AD-AD9929_15 Datasheet
564Kb / 64P
CCD Signal Processor with Precision Timing Generator
REV. A
AD9971 AD-AD9971_15 Datasheet
79Kb / 2P
12-Bit CCD Signal Processor with Precision Timing
Rev. SpB
AD9992 AD-AD9992_15 Datasheet
1Mb / 92P
12-Bit CCD Signal Processor with Precision Timing Generator
REV. C
AD9995 AD-AD9995_15 Datasheet
2Mb / 60P
12-Bit CCD Signal Processor with Precision Timing Generator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com