Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9992 Datasheet(PDF) 33 Page - Analog Devices

Part # AD9992
Description  12-Bit CCD Signal Processor with Precision Timing Generator
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9992 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9992 Datasheet HTML 29Page - Analog Devices AD9992 Datasheet HTML 30Page - Analog Devices AD9992 Datasheet HTML 31Page - Analog Devices AD9992 Datasheet HTML 32Page - Analog Devices AD9992 Datasheet HTML 33Page - Analog Devices AD9992 Datasheet HTML 34Page - Analog Devices AD9992 Datasheet HTML 35Page - Analog Devices AD9992 Datasheet HTML 36Page - Analog Devices AD9992 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 92 page
background image
AD9992
Rev. C | Page 33 of 92
conserves register memory if the four separate V-patterns are
not needed.
Note that when CONCAT_GRP is enabled, Group A settings
are used only for start position, polarity, length, and repetitions.
All toggle positions for Group A, Group B, Group C, and Group D
are combined together and applied using the settings in the
VSTARTA, VPOL_A, VLENA, and VREPA registers.
Special Vertical Sequence Alternation (SVSA) Mode
The AD9992 has additional flexibility for combining four
different V-pattern groups in a random sequence that can be
programmed for specific CCD requirements. This mode of
operation allows custom vertical sequences for CCDs that
require more complex vertical timing patterns. For example,
using the special vertical sequence alternation mode, it is
possible to support random pattern concatenation, with
additional support for odd/even line alternation.
Figure 39 illustrates four common and repetitive vertical pattern
segments, A through D, that are derived from the complete vertical
pattern. Figure 40 illustrates how each group can be concatenated
in an arbitrary order.
To enable the SVSA mode, write the VSEQALT_EN bit,
Address 0x20 Bit 13, equal to 0x01. The location of the VALTSEL
registers is shared with the VPAT registers for XV24. When
SVSA mode is enabled, the VALTSEL register function is
selected.
To create SVSA timing, divide the complete vertical timing
pattern into four common and repetitive segments. Identify
the related segments as VPATA, VPATB, VPATC, or VPATD.
Up to four toggle positions for each segment can be programmed
using the V-pattern registers.
Table 15 shows how the segments are specified using a 2-bit
representation. Each bit from VALTSEL0 and VALTSEL1 is
combined to produce four values, corresponding to Pattern A,
Pattern B, Pattern C, and Pattern D.
Table 15. VALTSEL Bit Settings for Even and Odd Lines
Parameter
VALTSEL Bit Settings
VALTSEL0_EVEN
0
0
1
1
VALTSEL1_EVEN
0
1
0
1
VALTSEL0_ODD
0
0
1
1
VALTSEL1_ODD
0
1
0
1
Resulting pattern for even lines
A
B
C
D
Resulting pattern for odd lines
A
B
C
D
When the entire pattern is divided, program VALTSEL0 (even
and odd) [17:0] and VALTSEL1 (even and odd) [17:0] so that
the segments are concatenated in the desired order. If separate
odd and even lines are not required, set the odd and even registers
to the same value. Figure 41 illustrates the process of using six
vertical pattern segments that have been concatenated into a small,
merged pattern.
Program the register VREPA_1 to specify the number of segments
to concatenate into each merged pattern. The maximum number of
segments that can be concatenated to create a merged pattern is
18. Program VLENA, VLENB, VLENC, VLEND to be of equal
length. Finally, program HBLK to generate the proper H-clock
timing using the procedure for HBLK Mode 2 described in the
HBLK Mode 2 Operation section.
It is important to note that because the FREEZE/RESUME registers
are used to specify the VALTSEL registers, the VALT_MAP
register must be enabled when using the special VALT mode.
Table 16. VALTSEL Register Locations1
Register Function
When VSEQALT_EN = 1
Register Location
VALTSEL0_EVEN [12:0]
VSEQ register FREEZE1 [12:0]
VALTSEL0_EVEN [17:13]
VSEQ register RESUME1 [17:13]
VALTSEL1_EVEN [12:0]
VSEQ register FREEZE2 [12:0]
VALTSEL1_EVEN [17:13]
VSEQ register RESUME2 [17:13]
VALTSEL0_ODD [12:0]
VSEQ register FREEZE3 [12:0]
VALTSEL0_ODD [17:13]
VSEQ register RESUME3 [17:13]
VALTSEL1_ODD [12:0]
VSEQ register FREEZE4 [12:0]
VALTSEL1_ODD [17:13]
VSEQ register RESUME4 [17:13]
1 The VALT_MAP register must be set to 1 to enable the use of VALTSEL
registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com