Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9992BBCZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD9992BBCZ
Description  12-Bit CCD Signal Processor with Precision Timing Generator
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9992BBCZ Datasheet(HTML) 5 Page - Analog Devices

  AD9992BBCZ Datasheet HTML 1Page - Analog Devices AD9992BBCZ Datasheet HTML 2Page - Analog Devices AD9992BBCZ Datasheet HTML 3Page - Analog Devices AD9992BBCZ Datasheet HTML 4Page - Analog Devices AD9992BBCZ Datasheet HTML 5Page - Analog Devices AD9992BBCZ Datasheet HTML 6Page - Analog Devices AD9992BBCZ Datasheet HTML 7Page - Analog Devices AD9992BBCZ Datasheet HTML 8Page - Analog Devices AD9992BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 92 page
background image
AD9992
Rev. C | Page 5 of 92
ANALOG SPECIFICATIONS
AVDD = 1.8 V, fCLI = 40 MHz, typical timing specifications, TMIN to TMAX, unless otherwise noted.
Table 3.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CDS
Allowable CCD Reset Transient
0.5
0.8
V
The limit is the lower of AVDD + 0.2 V or 2.2 V.
CDS Gain Accuracy
VGA gain = 6.3 dB (Code 15, default value).
−3.0 dB CDS Gain
−3.3
−2.8
−2.3
dB
0 dB CDS Gain
−0.5
0
+0.5
dB
+3 dB CDS Gain
2.4
2.9
3.4
dB
+6 dB CDS Gain
5.0
5.5
6.0
dB
Maximum Input Range Before Saturation
VGA gain = 6.3 dB (Code 15, default value).
−3 dB CDS Gain
1.4
V p-p
0 dB CDS Gain
1.0
V p-p
+3 dB CDS Gain
0.7
V p-p
+6 dB CDS Gain
0.5
V p-p
Allowable OB Pixel Amplitude (See
Figure 2)
0 dB CDS Gain (Default)
−100
+200
mV
+6 dB CDS Gain
−50
+100
mV
VARIABLE GAIN AMPLIFIER (VGA)
Gain Control Resolution
1024
Steps
Gain Monotonicity
Guaranteed
Gain Range
Low Gain (VGA Code 15, Default)
6.3
dB
Maximum Gain (VGA Code 1023)
42.4
dB
BLACK LEVEL CLAMP
Clamp Level Resolution
1024
Steps
Clamp Level
Measured at ADC output.
Minimum Clamp Level (Code 0)
0
LSB
Maximum Clamp Level (Code 1023)
255
LSB
ADC
Resolution
12
Bits
Differential Nonlinearity (DNL)
−1.0
±0.5
+1.0
LSB
No Missing Codes
Guaranteed
Integral Nonlinearity (INL)
1
4
LSB
Full-Scale Input Voltage
2.0
V
VOLTAGE REFERENCE
Reference Top Voltage (REFT)
1.4
V
Reference Bottom Voltage (REFB)
0.4
V
SYSTEM PERFORMANCE
Includes entire signal chain.
Gain Accuracy
0 dB CDS gain.
Low Gain (VGA Code 15)
5.8
6.3
6.8
dB
Gain = (0.0358 × Code) + 5.76 dB.
Maximum Gain (VGA Code 1023)
41.9
42.4
42.9
dB
Peak Nonlinearity, 1.0 V Input Signal
0.1
0.2
%
6 dB VGA gain, 0 dB CDS gain applied.
Total Output Noise
0.5
LSB rms
AC-grounded input, 6 dB VGA gain applied.
Power Supply Rejection (PSR)
50
dB
Measured with step change on supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com