Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9992BBCZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD9992BBCZ
Description  12-Bit CCD Signal Processor with Precision Timing Generator
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9992BBCZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9992BBCZ Datasheet HTML 18Page - Analog Devices AD9992BBCZ Datasheet HTML 19Page - Analog Devices AD9992BBCZ Datasheet HTML 20Page - Analog Devices AD9992BBCZ Datasheet HTML 21Page - Analog Devices AD9992BBCZ Datasheet HTML 22Page - Analog Devices AD9992BBCZ Datasheet HTML 23Page - Analog Devices AD9992BBCZ Datasheet HTML 24Page - Analog Devices AD9992BBCZ Datasheet HTML 25Page - Analog Devices AD9992BBCZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 92 page
background image
AD9992
Rev. C | Page 22 of 92
Table 11. HBLK Pattern Registers
Register
Length
Range
Description
HBLKMODE
2b
0 to 2 HBLK modes
Enables different HBLK toggle position operation.
0: Normal mode. Six toggle positions available for even and odd lines.
If even/odd alternation is not needed, set toggles for even/odd the same.
1: Pixel mixing mode. In addition to the six toggle positions, the HBLKSTART,
HBLKEND, HBLKLEN, and HBLKREP registers can be used to generate HBLK
patterns. If even/odd alternation is not need, set toggles for even/odd the same.
2: Advanced HBLK mode. Divides HBLK interval into six repeat areas. Uses
HBLKSTARTA/B/C and RA*H*REPA/B/C registers.
3: Test mode only. Do not access.
HBLKSTART
13b
0 to 8191 pixel location
Start location for HBLK in HBLK Mode 1 and HBLK Mode 2.
HBLKEND
13b
0 to 8191 pixel location
End location for HBLK in HBLK Mode 1 and HBLK Mode 2.
HBLKLEN
13b
0 to 8191 pixels
HBLK length in HBLK Mode 1 and HBLK Mode 2.
HBLKREP
13b
0 to 8191 repetitions
Number of HBLK repetitions in HBLK Mode 1 and HBLK Mode 2.
HBLKMASK_H1
1b
High/low
Masking polarity for H1, H3, H5, H7 during HBLK.
HBLKMASK_H2
1b
High/low
Masking polarity for H2, H4, H6, H8 during HBLK.
HBLKMASK_HL
1b
High/low
Masking polarity for HL during HBLK.
HBLKTOGO1
13b
0 to 8191 pixel location
First HBLK toggle position for odd lines in HBLK Mode 0 and HBLK Mode 1.
HBLKTOGO2
13b
0 to 8191 pixel location
Second HBLK toggle position for odd lines in HBLK Mode 0 and HBLK Mode 1.
HBLKTOGO3
13b
0 to 8191 pixel location
Third HBLK toggle position for odd lines in HBLK Mode 0 and HBLK Mode 1.
HBLKTOGO4
13b
0 to 8191 pixel location
Fourth HBLK toggle position for odd lines in HBLK Mode 0 and HBLK Mode 1.
HBLKTOGO5
13b
0 to 8191 pixel location
Fifth HBLK toggle position for odd lines in HBLK Mode 0 and HBLK Mode 1.
HBLKTOGO6
13b
0 to 8191 pixel location
Sixth HBLK toggle position for odd lines in HBLK Mode 0 and HBLK Mode 1.
HBLKTOGE1
13b
0 to 8191 pixel location
First HBLK toggle position for even lines in HBLK Mode 0 and HBLK Mode 1.
HBLKTOGE2
13b
0 to 8191 pixel location
Second HBLK toggle position for even lines in HBLK Mode 0 and HBLK Mode 1.
HBLKTOGE3
13b
0 to 8191 pixel location
Third HBLK toggle position for even lines in HBLK Mode 0 and HBLK Mode 1.
HBLKTOGE4
13b
0 to 8191 pixel location
Fourth HBLK toggle position for even lines in HBLK Mode 0 and HBLK Mode 1.
HBLKTOGE5
13b
0 to 8191 pixel location
Fifth HBLK toggle position for even lines in HBLK Mode 0 and HBLK Mode 1.
HBLKTOGE6
13b
0 to 8191 pixel location
Sixth HBLK toggle position for even lines in HBLK Mode 0 and HBLK Mode 1.
RA0H1REPA/B/C
12b
0 to 15 HCLK pulses for
each A, B, and C
HBLK Repeat Area 0. Number of H1 repetitions for HBLKSTARTA/B/C in
HBLK Mode 2 for even lines; odd lines defined using HBLKALT_PAT.
[3:0] RA0H1REPA. Number of H1 pulses following HBLKSTARTA.
[7:4] RA0H1REPB. Number of H1 pulses following HBLKSTARTB.
[11:8] RA0H1REPC. Number of H1 pulses following HBLKSTARTC.
RA1H1REPA/B/C
12b
0 to 15 HCLK pulses
HBLK Repeat Area 1. Number of H1 repetitions for HBLKSTARTA/B/C.
RA2H1REPA/B/C
12b
0 to 15 HCLK pulses
HBLK Repeat Area 2. Number of H1 repetitions for HBLKSTARTA/B/C.
RA3H1REPA/B/C
12b
0 to 15 HCLK pulses
HBLK Repeat Area 3. Number of H1 repetitions for HBLKSTARTA/B/C.
RA4H1REPA/B/C
12b
0 to 15 HCLK pulses
HBLK Repeat Area 4. Number of H1 repetitions for HBLKSTARTA/B/C.
RA5H1REPA/B/C
12b
0 to 15 HCLK pulses
HBLK Repeat Area 5. Number of H1 repetitions for HBLKSTARTA/B/C.
RA0H2REPA/B/C
12b
0 to 15 HCLK pulses for
each A, B, and C
HBLK Repeat Area 0. Number of H2 repetitions for HBLKSTARTA/B/C in
HBLK Mode 2 for even lines; odd lines defined using HBLKALT_PAT.
[3:0] RA0H2REPA. Number of H2 pulses following HBLKSTARTA.
[7:4] RA0H2REPB. Number of H2 pulses following HBLKSTARTB.
[11:8] RA0H2REPC. Number of H2 pulses following HBLKSTARTC.
RA1H2REPA/B/C
12b
0 to 15 HCLK pulses
HBLK Repeat Area 1. Number of H2 repetitions for HBLKSTARTA/B/C.
RA2H2REPA/B/C
12b
0 to 15 HCLK pulses
HBLK Repeat Area 2. Number of H2 repetitions for HBLKSTARTA/B/C.
RA3H2REPA/B/C
12b
0 to 15 HCLK pulses
HBLK Repeat Area 3. Number of H2 repetitions for HBLKSTARTA/B/C.
RA4H2REPA/B/C
12b
0 to 15 HCLK pulses
HBLK Repeat Area 4. Number of H2 repetitions for HBLKSTARTA/B/C.
RA5H2REPA/B/C
12b
0 to 15 HCLK pulses
HBLK Repeat Area 5. Number of H2 repetitions for HBLKSTARTA/B/C.
HBLKSTARTA
13b
0 to 8191 pixel location
HBLK Repeat Area Start Position A for HBLK Mode 2. Set to 8191 if not used.
HBLKSTARTB
13b
0 to 8191 pixel location
HBLK Repeat Area Start Position B for HBLK Mode 2. Set to 8191 if not used.
HBLKSTARTC
13b
0 to 8191 pixel location
HBLK Repeat Area Start Position C for HBLK Mode 2. Set to 8191 if not used.
HBLKALT_PAT1
3b
0 to 5 even repeat area
HBLK Mode 2, Odd Field Repeat Area 0 pattern, selected from even field
repeat areas previously defined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com