Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9992BBCZ Datasheet(PDF) 64 Page - Analog Devices

Part # AD9992BBCZ
Description  12-Bit CCD Signal Processor with Precision Timing Generator
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9992BBCZ Datasheet(HTML) 64 Page - Analog Devices

Back Button AD9992BBCZ Datasheet HTML 60Page - Analog Devices AD9992BBCZ Datasheet HTML 61Page - Analog Devices AD9992BBCZ Datasheet HTML 62Page - Analog Devices AD9992BBCZ Datasheet HTML 63Page - Analog Devices AD9992BBCZ Datasheet HTML 64Page - Analog Devices AD9992BBCZ Datasheet HTML 65Page - Analog Devices AD9992BBCZ Datasheet HTML 66Page - Analog Devices AD9992BBCZ Datasheet HTML 67Page - Analog Devices AD9992BBCZ Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 92 page
background image
AD9992
Rev. C | Page 64 of 92
POWER-UP SEQUENCE FOR MASTER MODE
When the AD9992 is powered up, the following sequence is
recommended (refer to Figure 74 for each step). A SYNC signal
is required for master mode operation. If an external SYNC
pulse is not available, it is possible to generate an internal SYNC
event by writing to the SWSYNC register.
1.
Turn on the power supplies for AD9992 and start the master
clock, CLI.
2.
Reset the internal AD9992 registers by writing 1 to the
SW_RST register (Address 0x10).
3.
By default, Vertical Output XV1 to Vertical Output XV24
are low. If necessary, write to the Standby3 output polarity
(Address 0x26) to set different polarities for the vertical
outputs in order to avoid damage to the V-driver and
CCD. Write to Address 0x1C to configure each V-output
as a vertical transfer clock (XV) or sensor pulse (VSG).
4.
If using an external V-driver in conjunction with the
AD9992, power up the V-driver supplies, VH and VL,
anytime after Step 3 is complete to set the proper polarities.
5.
Load the required registers to configure the necessary
vertical timing, horizontal timing, high speed timing, and
shutter timing. Set the recommended start-up address,
0xD8, to 0x888.
6.
To place the part into normal power operation, write 0x04
to Register Address 0x00. This sets the STANDBY register
(AFE Register Address 0x00, Bits [1:0]) to normal operation
and enables the OB clamp (AFE Register Address 0x00,
Bit 2). If the CLO output is being used to drive a crystal, also
power up the CLO oscillator by writing 1 to Address 0x15.
7.
By default, the internal timing core is held in a reset state,
with TGCORE_RSTB register = 0. Write 1 to the
TGCORE_RSTB register (Address 0x14) to start the internal
timing core operation. Note that, if a 2× clock is used for
the CLI input, the CLIDIVIDE register (0x0D) should be
set to 1 before resetting the timing core.
8.
Configure the AD9992 for master mode timing by writing 1
to the MASTER register (Address 0x20).
9.
Write 1 to the OUTCONTROL register (Address 0x11).
This allows the outputs to become active after the next
SYNC rising edge. Normally OUTCONTROL takes effect
after the next VD edge; however, because the part is just
being powered up, there is no VD edge until the rising
edge of the SYNC signal.
10.
Generate a SYNC event. If SYNC is high at power-up,
bring the SYNC input low for a minimum of 100 ns, and
then bring SYNC high again. This causes the internal
counters to reset and starts VD/HD operation. The first
VD/HD edge allows VD-updated register updates to
occur, including OUTCONTROL to enable all outputs.
If a hardware SYNC is not available, the SWSYNC register
(Address 0x13, Bit 14) can be used to initiate a SYNC event.
POWER
SUPPLIES
SERIAL
WRITES
VD
(OUTPUT)
1H
FIRST FIELD
SYNC
(INPUT)
CLI
(INPUT)
HD
(OUTPUT)
H-CLOCKS
XV1 TO XV24
SUBCK
tSYNC
0V
VH SUPPLY FOR V-DRIVER (IF USING EXTERNAL V-DRIVER)
VL SUPPLY FOR V-DRIVER (IF USING EXTERNAL V-DRIVER)
HI-Z BY
DEFAULT
HI-Z BY
DEFAULT
LOW BY
DEFAULT
HI-Z BY
DEFAULT
4
23
5
6
7
8
9
10
1V
H2, H4, H6, H8
H1, H3, H5, H7, RG
CLOCKS ACTIVE WHEN OUTCONTROL
REGISTER IS UPDATED AT VD/HD EDGE
Figure 74. Recommended Power-Up Sequence and Synchronization, Master Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com