Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9992BBCZ Datasheet(PDF) 65 Page - Analog Devices

Part # AD9992BBCZ
Description  12-Bit CCD Signal Processor with Precision Timing Generator
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9992BBCZ Datasheet(HTML) 65 Page - Analog Devices

Back Button AD9992BBCZ Datasheet HTML 61Page - Analog Devices AD9992BBCZ Datasheet HTML 62Page - Analog Devices AD9992BBCZ Datasheet HTML 63Page - Analog Devices AD9992BBCZ Datasheet HTML 64Page - Analog Devices AD9992BBCZ Datasheet HTML 65Page - Analog Devices AD9992BBCZ Datasheet HTML 66Page - Analog Devices AD9992BBCZ Datasheet HTML 67Page - Analog Devices AD9992BBCZ Datasheet HTML 68Page - Analog Devices AD9992BBCZ Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 92 page
background image
AD9992
Rev. C | Page 65 of 92
Table 26. Power-Up Register Write Sequence
Address
Data
Description
0x10
0x01
Resets all registers to default values
0x26
User-defined
Standby3 vertical output polarities
0x20 to
0xFFF
User-defined
Horizontal, vertical, shutter timing
0xD8
0x888
Configures start-up register
0x00
0x04
Powers up the AFE, enables OB clamp
0x15
0x01
Starts CLO oscillator (if using crystal)
0x14
0x01
Starts internal timing core
0x20
0x01
Configures for master mode
0x11
0x01
Enables all outputs after SYNC
0x13
0x4XX1
SWSYNC (if using software SYNC)
Using the SWSYNC Register
If an external SYNC pulse is not available, it is possible to
generate an internal SYNC in the AD9992 by writing 1 to the
SWSYNC register (Address 0x13, Bit 14). If the software SYNC
option is used, the SYNC input (Pin D3) should be low (VSS)
during power-up. The SYNCENABLE register (Address 0x13,
Bit 0) should be set high.
SYNC During Master Mode Operation
The hardware SYNC input can be used anytime during
operation to synchronize the AD9992 counters with external
timing, as shown in Figure 75. The operation of the digital
outputs can be suspended during the SYNC operation by set-
ting the SYNCSUSPEND register (Address 0x13, Bit 2) to 1. If
SYNCSUSPEND = 1, the polarities of the outputs are held at the
same state as OUTCONTROL = low, as shown in Table 27.
Power-Up and Synchronization in Slave Mode
The power-up procedure for slave mode operation is the same
as the procedure for master mode operation with two exceptions:
Eliminate Step 8. Do not write the part into master mode.
No SYNC pulse is required in slave mode. Substitute
Step 10 with starting the external VD and HD signals.
This synchronizes the part, allows the register updates,
and starts the timing operation.
When the AD9992 is used in slave mode, the VD/HD inputs are
used to synchronize the internal counters. After a falling edge of
VD, there is a latency of 36 master clock CLI edges after the falling
edge of HD until the internal H-counter is reset. The reset
operation is shown in Figure 76.
Additional Restrictions in Slave Mode
When operating in slave mode, the following restrictions
should be noted:
The HD falling edge should be located in the same CLI
clock cycle as the VD falling edge or later than the VD
falling edge. The HD falling edge should not be located
within five cycles prior to the VD falling edge.
If possible, all start-up serial writes should be performed
with VD and HD disabled. This prevents unknown
behavior caused by partial updating of registers before all
information is loaded.
VD
HD
SUSPEND
SYNC
H1 TO H4, RG,
XV1 TO XV24,
VSG, SUBCK
NOTES
1. THE SYNC RISING EDGE RESETS VD/HD AND COUNTERS TO 0.
2. SYNC POLARITY IS PROGRAMMABLE USING SYNCPOL REGISTER (ADDR 0x13).
3. DURING SYNC LOW, ALL INTERNAL COUNTERS ARE RESET AND VD/HD CAN BE SUSPENDED USING THE SYNCSUSPEND REGISTER (ADDR 0x13).
4. IF SYNCSUSPEND = 1, VERTICAL CLOCKS, H1 TO H4, AND RG ARE HELD AT THE SAME POLARITY SPECIFIED BY OUTCONTROL = LOW.
5. IF SYNCSUSPEND = 0, ALL CLOCK OUTPUTS CONTINUE TO OPERATE NORMALLY UNTIL THE SYNC RESET EDGE.
Figure 75. SYNC Timing to Synchronize the AD9992 with External Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com