Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC4245AD Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # 74LVC4245AD
Description  Octal dual supply translating transceiver; 3-state
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC4245AD Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  74LVC4245AD Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC4245AD Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC4245AD Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC4245AD Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC4245AD Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC4245AD Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC4245AD Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC4245AD Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC4245AD Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Nexperia
74LVC4245A
Octal dual supply translating transceiver; 3-state
5. Pinning information
5.1. Pinning
74LVC4245A
VCC(A)
VCC(B)
DIR
VCC(B)
A0
OE
A1
B0
A2
B1
A3
B2
A4
B3
A5
B4
A6
B5
A7
B6
GND
B7
GND
GND
001aaa349
1
2
3
4
5
6
7
8
9
10
11
12
14
13
16
15
18
17
20
19
22
21
24
23
Fig. 3. Pin configuration SOT137-1 (SO24) and
SOT355-1 (TSSOP24)
001aah087
74LVC4245A
Transparent top view
B7
A7
GND
B6
GND(1)
A6
B5
A5
B4
A4
B3
A3
B2
A2
B1
A1
B0
A0
OE
DIR
VCC(B)
11
14
10
15
9
16
8
17
7
18
6
19
5
20
4
21
3
22
2
23
terminal 1
index area
(1) This is not a ground pin. There is no electrical or
mechanical requirement to solder the pad. In case
soldered, the solder land should remain floating or
connected to GND.
Fig. 4. Pin configuration SOT815-1 (DHVQFN24)
5.2. Pin description
Table 2. Pin description
Symbol
Pin
Description
VCC(A)
1
supply voltage (5 V bus)
VCC(B)
23, 24
supply voltage (3 V bus)
GND
11, 12, 13
ground (0 V)
DIR
2
direction control
A0, A1, A2, A3, A4, A5, A6, A7
3, 4, 5, 6, 7, 8, 9, 10
data input or output
B0, B1, B2, B3, B4, B5, B6, B7
21, 20, 19, 18, 17, 16, 15, 14
data input or output
OE
22
output enable input (active LOW)
6. Functional description
Table 3. Functional table
H = HIGH voltage level; L = LOW voltage level; X = don’t care; Z = high-impedance OFF-state.
Input
Input/output
OE
DIR
An
Bn
L
L
A = B
input
L
H
input
B = A
H
X
Z
Z
74LVC4245A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 13 — 27 August 2021
3 / 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com