Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC4245AD Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # 74LVC4245AD
Description  Octal dual supply translating transceiver; 3-state
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC4245AD Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  74LVC4245AD Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC4245AD Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC4245AD Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC4245AD Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC4245AD Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC4245AD Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC4245AD Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC4245AD Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC4245AD Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Nexperia
74LVC4245A
Octal dual supply translating transceiver; 3-state
1.5
2.7
5.7
Complies with TTL levels
3.9
0.9
mna454
3.9
2.1
4.5
5.1
3.3
1.5
2.1
2.7
3.3
3.6
1.2
1.8
2.4
3.0
VCC(A) (V)
VCC(B)
(V)
VCC(A) ³ VCC(B)
Full operation
Fig. 5. Supply operation area
9. Static characteristics
Table 6. Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ [1]
Max
Unit
Tamb = -40 °C to +85 °C
VCC(B) = 2.7 V to 3.6 V
2.0
-
-
V
VIH
HIGH-level input
voltage
VCC(A) = 4.5 V to 5.5 V
2.0
-
-
V
VCC(B) = 2.7 V to 3.6 V
-
-
0.8
V
VIL
LOW-level input
voltage
VCC(A) = 4.5 V to 5.5 V
-
-
0.8
V
VI = VIH or VIL
VCC(B) = 2.7 V to 3.6 V; IO = -100 μA
VCC(B) - 0.2
VCC(B)
-
V
VCC(B) = 2.7 V; IO = -12 mA
VCC(B) - 0.5
-
-
V
VCC(B) = 3.0 V; IO = -24 mA
VCC(B) - 0.8
-
-
V
VCC(A) = 4.5 V to 5.5 V; IO = -100 μA
VCC(A) - 0.2
VCC(A)
-
V
VCC(A) = 4.5 V; IO = -12 mA
VCC(A) - 0.5
-
-
V
VOH
HIGH-level output
voltage
VCC(A) = 4.5 V; IO = -24 mA
VCC(A) - 0.8
-
-
V
VI = VIH or VIL
VCC(B) = 2.7 V to 3.6 V; IO = 100 μA
-
-
0.20
V
VCC(B) = 2.7 V; IO = 12 mA
-
-
0.40
V
VCC(B) = 3.0 V; IO = 24 mA
-
-
0.55
V
VCC(A) = 4.5 V to 5.5 V; IO = 100 μA
-
-
0.20
V
VCC(A) = 4.5 V; IO = 12 mA
-
-
0.40
V
VOL
LOW-level output
voltage
VCC(A) = 4.5 V; IO = 24 mA
-
-
0.55
V
II
input leakage
current
VI = 5.5 V or GND
-
±0.1
±5
μA
VI = VIH or VIL
[2]
VCC(B) = 3.6 V; VO = VCC(B) or GND
-
±0.1
±5
μA
IOZ
OFF-state output
current
VCC(A) = 5.5 V; VO = VCC(A) or GND
-
±0.1
±5
μA
74LVC4245A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 13 — 27 August 2021
5 / 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com