Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC4245AD Datasheet(PDF) 9 Page - Nexperia B.V. All rights reserved

Part # 74LVC4245AD
Description  Octal dual supply translating transceiver; 3-state
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC4245AD Datasheet(HTML) 9 Page - Nexperia B.V. All rights reserved

Back Button 74LVC4245AD Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC4245AD Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC4245AD Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC4245AD Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC4245AD Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC4245AD Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC4245AD Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC4245AD Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC4245AD Datasheet HTML 13Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Nexperia
74LVC4245A
Octal dual supply translating transceiver; 3-state
mna367
tPLZ
tPHZ
outputs
disabled
outputs
enabled
VY
VX
outputs
enabled
output
LOW-to-OFF
OFF-to-LOW
output
HIGH-to-OFF
OFF-to-HIGH
OE input
VI
VOL
VOH
VCC
VM
GND
GND
tPZL
tPZH
VM
VM
Measurement point are given in Table 8.
VOL and VOH are typical output voltage drops that occur with the output load.
Fig. 7. 3-state enable and disable times
Table 8. Measurement points
Supply voltage
Input
Output
VCC(A)
VCC(B)
VM [1]
VI [1]
VM [2]
VX
VY
≤ 2.7 V
≤ 2.7 V
0.5 VCCI
VCCI
0.5 VCCO
-
-
-
2.7 V to 3.6 V
1.5 V
2.7 V
1.5 V
-
-
≥ 4.5 V
-
0.5 VCCI
3.0 V
0.5 VCCO
-
-
-
≥ 2.7 V
-
VCCI
-
VOL + 0.3 V
VOH - 0.3 V
[1] VCCI is the supply voltage associated with the data input port.
[2] VCCO is the supply voltage associated with the data output port.
VEXT
VCC
VI
VO
mna616
DUT
CL
RT
RL
RL
G
Test data is given in Table 9. Definitions for test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
Fig. 8. Test circuit for measuring switching times
Table 9. Test data
Supply voltage
Input
Load
VEXT
VCC(A)
VCC(B)
VI [1]
CL
RL
tPLH, tPHL
tPZH, tPHZ
tPZL, tPLZ [2]
< 2.7 V
< 2.7 V
VCCI
50 pF
500 Ω
open
GND
2 × VCCO
-
2.7 V to 3.6 V
2.7 V
50 pF
500 Ω
open
GND
2 × VCCO
4.5 V to 5.5 V
-
3.0 V
50 pF
500 Ω
open
GND
2 × VCCO
[1] VCCI is the supply voltage associated with the data input port.
[2] VCCO is the supply voltage associated with the output port.
74LVC4245A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 13 — 27 August 2021
9 / 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com