Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC4245AD Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # 74LVC4245AD
Description  Octal dual supply translating transceiver; 3-state
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC4245AD Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74LVC4245AD Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC4245AD Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC4245AD Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC4245AD Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC4245AD Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC4245AD Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC4245AD Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC4245AD Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC4245AD Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Nexperia
74LVC4245A
Octal dual supply translating transceiver; 3-state
Symbol Parameter
Conditions
Min
Typ [1]
Max
Unit
per pin; IO = 0 A
VCC(B) = 2.7 V to 3.6 V; VI = VCC(B) - 0.6 V;
other inputs at VCC(B) or GND
-
-
5000
μA
ΔICC
additional supply
current
VCC(A) = 4.5 V to 5.5 V; VI = VCC(A) - 0.6 V;
other inputs at VCC(A) or GND
-
-
5000
μA
[1] All typical values are measured at VCC(A) = 5.0 V, VCC(B) = 3.3 V and Tamb = 25 °C.
[2] For transceivers, the parameter IOZ includes the input leakage current.
10. Dynamic characteristics
Table 7. Dynamic characteristics
Voltages are referenced to GND (ground = 0 V). VCC(A) = 4.5 V to 5.5 V; tr = tf ≤ 2.5 ns. For test circuit see Fig. 8.
-40 °C to +85 °C
-40 °C to +125 °C
Symbol Parameter
Conditions
VCC(B)
Min
Typ [1] Max
Min
Max
Unit
2.7 V
1.0
3.6
6.3
1.0
8.0
ns
An to Bn; see Fig. 6
3.0 V to 3.6 V
1.0
3.3
6.3
1.0
8.0
ns
2.7 V
1.0
3.4
6.1
1.0
8.0
ns
tPHL
HIGH to LOW
propagation
delay
Bn to An; see Fig. 6
3.0 V to 3.6 V
1.0
3.4
6.1
1.0
8.0
ns
2.7 V
1.0
3.3
6.7
1.0
8.5
ns
An to Bn; see Fig. 6
3.0 V to 3.6 V
1.0
2.8
6.5
1.0
8.5
ns
2.7 V
1.0
3.0
5.0
1.0
6.5
ns
tPLH
LOW to HIGH
propagation
delay
Bn to An; see Fig. 6
3.0 V to 3.6 V
1.0
3.0
5.0
1.0
6.5
ns
2.7 V
1.0
4.5
9.0
1.0
11.5
ns
OE to An; see Fig. 7
3.0 V to 3.6 V
1.0
4.5
9.0
1.0
11.5
ns
2.7 V
1.0
4.4
8.7
1.0
11.0
ns
tPZL
OFF-state
to LOW
propagation
delay
OE to Bn; see Fig. 7
3.0 V to 3.6 V
1.0
3.8
8.1
1.0
10.5
ns
2.7 V
1.0
4.5
8.1
1.0
10.5
ns
OE to An; see Fig. 7
3.0 V to 3.6 V
1.0
4.5
8.1
1.0
10.5
ns
2.7 V
1.0
4.3
8.7
1.0
11.0
ns
tPZH
OFF-state
to HIGH
propagation
delay
OE to Bn; see Fig. 7
3.0 V to 3.6 V
1.0
3.2
8.1
1.0
10.5
ns
2.7 V
1.0
2.9
7.0
1.0
9.0
ns
OE to An; see Fig. 7
3.0 V to 3.6 V
1.0
2.9
7.0
1.0
9.0
ns
2.7 V
1.0
3.9
7.7
1.0
10.0
ns
tPLZ
LOW to
OFF-state
propagation
delay
OE to Bn; see Fig. 7
3.0 V to 3.6 V
1.0
3.5
7.7
1.0
10.0
ns
2.7 V
1.0
2.8
5.8
1.0
7.5
ns
OE to An; see Fig. 7
3.0 V to 3.6 V
1.0
2.8
5.8
1.0
7.5
ns
2.7 V
1.0
3.3
7.8
1.0
10.0
ns
tPHZ
HIGH to
OFF-state
propagation
delay
OE to Bn; see Fig. 7
3.0 V to 3.6 V
1.0
2.9
7.8
1.0
10.0
ns
tsk(o)
output skew
time
[2]
-
-
1.0
-
1.5
ns
74LVC4245A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 13 — 27 August 2021
7 / 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com