Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC7283 Datasheet(PDF) 37 Page - Sitronix Technology Co., Ltd.

Part # SC7283
Description  System-On-Chip Driver for 480RGBx272 TFT LCD
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

SC7283 Datasheet(HTML) 37 Page - Sitronix Technology Co., Ltd.

Back Button SC7283 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 34Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 38Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 89 page
background image
SC7283
Version 1.0
Page 37 of 89
2018/11
Name
Type
Description
S1~S720
O
Source driver output signals.
G1~G544
O
Gate driver output signals.
VCOM Generator Pin
VCOM
O
Power supply for the TFT-LCD common electrode.
Power Supply Pins
VDD
P
Power supply for analog circuit.
VDDI
P
Power supply for digital I/O pins.
PVDD
P
Power supply for charge pump circuit.
DGND
P
Ground pin for digital circuit.
AGND
P
Ground pin for analog circuit.
PGND
P
Ground pin for charge pump circuit.
Power Circuit Pins
AVDD
C
DC/DC converter for positive source OP-AMP driver.
AVCL
C
DC/DC converter for negative source OP-AMP driver.
VGH
C
Positive power supply for gate driver.
VGL
C
Negative power supply for gate driver.
GVDD
PO
Positive voltage output of grayscale power.
GVCL
PO
Negative voltage output of grayscale power.
Test Pins
VGSP
T
Monitor pin of internal VCOM offset.
VCCA
T
Reserved for testing only, please leave this pin open.
VPP
T
Reserved for testing only, please leave this pin open.
VCC
PO
Reserved for testing only, please leave this pin open.
TEST_IN[14:0]
T
Reserved for testing only, please leave those pins open.
TESTI[2:1]
T
Reserved for testing only, please leave those pins connect to “L”
TESTOUT[7:0]
T
Reserved for testing only, please leave those pins open.
TESTO[2:1]
T
Reserved for testing only, please leave it open.
Note: 1. I: input, O: output, I/O: input/output, P: power input, PO: power out, D: dummy, T: test pin, C: capacitor pin
2. If hardware pin is not used, please fix to “H” by VDDI or “L” by DGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com