Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC7283 Datasheet(PDF) 48 Page - Sitronix Technology Co., Ltd.

Part # SC7283
Description  System-On-Chip Driver for 480RGBx272 TFT LCD
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

SC7283 Datasheet(HTML) 48 Page - Sitronix Technology Co., Ltd.

Back Button SC7283 Datasheet HTML 44Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 45Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 46Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 47Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 48Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 49Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 50Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 51Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 52Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 89 page
background image
SC7283
Version 1.0
Page 48 of 89
2018/11
GAMMA COMMAND TABLE
Address
D7
D6
D5
D4
D3
D2
D1
D0
Default
20h
0
0
0
VRF0P[4:0]
--
21h
0
0
0
VOS0P[4:0]
--
22h
PFP0[2:0]
PKP0[4:0]
--
23h
PFP1[2:0]
PKP1[4:0]
--
24h
PFP2[2:0]
PKP2[4:0]
--
25h
PFP3[2:0]
PKP3[4:0]
--
26h
PFP4[2:0]
PKP4[4:0]
--
27h
PFP5[2:0]
PKP5[4:0]
--
28h
PFP6[2:0]
PKP6[4:0]
--
29h
0
0
0
PKP7[4:0]
--
30h
0
0
0
VRF0N[4:0]
--
31h
0
0
0
VOS0N[4:0]
--
32h
PFN0[2:0]
PKN0[4:0]
--
33h
PFN1[2:0]
PKN1[4:0]
--
34h
PFN2[2:0]
PKN2[4:0]
--
35h
PFN3[2:0]
PKN3[4:0]
--
36h
PFN4[2:0]
PKN4[4:0]
--
37h
PFN5[2:0]
PKN5[4:0]
--
38h
PFN6[2:0]
PKN6[4:0]
--
39h
0
0
0
PKN7[4:0]
--
Note:
1. When GRB is “Low”, all registers reset to default values.
2. Symbol “--” means this value is OTP setting according to parameters of system application, panel loading and display quality.
3. Do not use instructions not listed in these tables.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com