Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC7283 Datasheet(PDF) 62 Page - Sitronix Technology Co., Ltd.

Part # SC7283
Description  System-On-Chip Driver for 480RGBx272 TFT LCD
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

SC7283 Datasheet(HTML) 62 Page - Sitronix Technology Co., Ltd.

Back Button SC7283 Datasheet HTML 58Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 59Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 60Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 61Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 62Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 63Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 64Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 65Page - Sitronix Technology Co., Ltd. SC7283 Datasheet HTML 66Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 89 page
background image
SC7283
Version 1.0
Page 62 of 89
2018/11
8.3.7 GATE TIMING SETTING 1 (49h)
Address
TYPE
D7
D6
D5
D4
D3
D2
D1
D0
Default
49h
R/W
0
NO[2:0]
0
Reserved[2:0]
--
Designation
Description
NO[2:0]
Gate (n) and Gate (n+1) non-overlap timing setting
NO[2:0]
Gate non-overlap (DCLK)
000
9
001
19
010
38
011
57
100
76
101
96
110
115
111
134



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com