Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7789V2 Datasheet(PDF) 68 Page - Sitronix Technology Co., Ltd.

Part # ST7789V2
Description  Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
PDF  319 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789V2 Datasheet(HTML) 68 Page - Sitronix Technology Co., Ltd.

Back Button ST7789V2 Datasheet HTML 64Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 65Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 66Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 67Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 68Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 69Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 70Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 71Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 72Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 319 page
background image
ST7789V2
Version 1.0
Page 68 of 319
2016/11
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
8.6
Data Transfer Pause
It will be possible when transferring a command, frame memory data or multiple parameter data to invoke
a pause in the data transmission. If the chip select line is released after a whole byte of a frame memory data
or multiple parameter data has been completed, then driver will wait and continue the frame memory data or
parameter data transmission from the point where it was paused. If the chip select Line is released after a
whole byte of a command has been completed, then the display module will receive either the command‘s
parameters (if appropriate) or a new command when the chip select line is next enabled as shown below.
This applies to the following 4 conditions:
1) Command-Pause-Command
2) Command-Pause-Parameter
3) Parameter-Pause-Command
4) Parameter-Pause-Parameter
8.6.1
Parallel interface pause
Figure 22 Parallel bus pause protocol (paused by CSX)
8.7
Data Transfer Mode
The module has three kinds color modes for transferring data to the display RAM. These are 12-bit color
per pixel, 16-bit color per pixel and 18-bit color per pixel. The data format is described for each interface. Data
can be downloaded to the frame memory by 2 methods.
8.7.1
Method 1
The image data is sent to the frame memory in successive frame writes, each time the frame memory is
filled, the frame memory pointer is reset to the start point and the next frame is written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com