Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68340 Datasheet(PDF) 225 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 225 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 221Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 222Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 223Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 224Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 225Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 226Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 227Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 228Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 229Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 441 page
background image
5- 88
MC68340 USER’S MANUAL
MOTOROLA
Assertion of
IPIPE for a single clock cycle indicates the use of data from IRB. Regardless
of the presence of valid data in IRA, the contents of IRB are invalidated when
IPIPE is
asserted. If IRA contains valid data, the data is copied into IRB (IRA
⇒ IRB), and the IRB
stage is revalidated.
Assertion of
IPIPE for two clock cycles indicates the start of a new instruction and
subsequent replacement of data in IRC. This action causes a full advance of the pipeline
(IRB
⇒ IRC and IRA ⇒ IRB). IRA is refilled during the next instruction fetch bus cycle.
Data loaded into IRA propagates automatically through subsequent empty pipeline stages.
Signals that show the progress of instructions through IRB and IRC are necessary to
accurately monitor pipeline operation. These signals are provided by IRA and IRB validity
bits. When a pipeline advance occurs, the validity bit of the stage being loaded is set, and
the validity bit of the stage supplying the data is negated.
Because instruction execution is not timed to bus activity,
IPIPE is synchronized with the
system clock, not the bus. Figure 5-29 illustrates the timing in relation to the system clock.
...
IPIPE
EXTENSION
WORD USED
INSTRUCTION
START
EXTENSION
WORD USED
INSTRUCTION
START
IR
IR
IR
IR
IRB
IRC
IR
IR
IRB
IRC
CLKOUT
IR
IR
Figure 5-29. Instruction Pipeline Timing Diagram
IPIPE should be sampled on the falling edge of the clock. The assertion of IPIPE for a
single cycle after one or more cycles of negation indicates use of the data in IRB (advance
of IRA into IRB). Assertion for two clock cycles indicates that a new instruction has started
(IRB
⇒ IRC and IRA ⇒ IRB transfers have occurred). Loading IRC always indicates that
an instruction is beginning execution—the opcode is loaded into IRC by the transfer.
In some cases, instructions using immediate addressing begin executing and initiate a
second pipeline advance simultaneously at the same time.
IPIPE will not be negated
between the two indications, which implies the need for a state machine to track the state
of
IPIPE. The state machine can be resynchronized during periods of inactivity on the
signal.
5.6.3.3 OPCODE TRACKING DURING LOOP MODE.
IPIPE and IFETCH continue to
work normally during loop mode.
IFETCH indicates all instruction fetches up through the
point that data begins recirculating within the instruction pipeline.
IPIPE continues to
signal the start of instructions and the use of extension words even though data is being
recirculated internally.
IFETCH returns to normal operation with the first fetch after exiting
loop mode.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com