Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68340 Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 34Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 35Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 36Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 37Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 38Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 39Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 40Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 41Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 441 page
background image
2- 4
MC68340 USER’S MANUAL
MOTOROLA
NOTE
The terms
assert and negate are used throughout this section
to avoid confusion when dealing with a mixture of active-low
and active-high signals. The term
assert or assertion indicates
that a signal is active or true, independent of the level
represented by a high or low voltage. The term
negate or
negation indicates that a signal is inactive or false.
2.2 ADDRESS BUS
The address bus signals are outputs that define the address of the byte (or the most
significant byte) to be transferred during a bus cycle. The MC68340 places the address on
the bus at the beginning of a bus cycle. The address is valid while
AS is asserted.
The address bus consists of the following two groups. Refer to Section 3 Bus Operation
for information on the address bus and its relationship to bus operation.
2.2.1 Address Bus (A23–A0)
These three-state outputs (along with A31–A24) provide the address for the current bus
cycle, except in the CPU address space.
2.2.2 Address Bus (A31–A24)
These pins can be programmed as the most significant eight address bits, port A parallel
I/O, or interrupt acknowledge signals. These pins can be used for more than one of their
multiplexed functions as long as the external demultiplexing circuit properly resolves
interaction between the different functions.
A31–A24
These pins can function as the most significant eight address bits.
Port A7–A0
These eight pins can serve as a dedicated parallel I/O port. See Section 4 System
Integration Module for more information on programming these pins.
IACK7– IACK1
The MC68340 asserts one of these pins to indicate the level of an external interrupt
during an interrupt acknowledge cycle. Peripherals can use the
IACK
≈ signals instead
of monitoring the address bus and function codes to determine that an interrupt
acknowledge cycle is in progress and to obtain the current interrupt level.
2.3 DATA BUS (D15–D0)
This bidirectional, nonmultiplexed, parallel bus contains the data being transferred to or
from the MC68340. A read or write operation may transfer 8 or 16 bits of data (one or two
bytes) in one bus cycle. During a read cycle, the data is latched by the MC68340 on the
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com