Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68340 Datasheet(PDF) 61 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 61 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 57Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 58Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 59Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 60Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 61Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 62Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 63Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 64Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 65Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 441 page
background image
3- 12
MC68340 USER’S MANUAL
MOTOROLA
CLKOUT
A31–A0
FC3–FC0
SIZ0
SIZ1
D15–D8
D7–D0
R/W
AS
DS
DSACK0
DSACK1
S0
S2
S4
S0
S2
S4
S0
S2
S4
S0
S2
S4
4 BYTES
OP0
OP1
OP2
OP3
(OP3)
(OP3)
(OP1)
(OP1)
WRITE
WRITE
WRITE
WRITE
LONG-WORD OPERAND WRITE TO 8-BIT BUS
2 BYTES
1 BYTE
3 BYTES
Figure 3-4. Long-Word Operand Write Timing to 8-Bit Port
3.2.3.7 LONG-WORD OPERAND TO 16-BIT PORT, ALIGNED. Figure 3-5 shows both
long-word and word read and write timing to a 16-bit port.
LONG-WORD OPERAND
DATA BUS
CYCLE 1
CYCLE 2
DSACK0
DSACK1
A0
SIZ0
SIZ1
00
0
0
X
10
0
0
X
OP1
OP0
OP2
OP3
31
23
15
7
0
D0
D8
D15
D7
OP0
OP1
OP2
OP3
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com