Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68340 Datasheet(PDF) 54 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 54 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 50Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 51Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 52Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 53Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 54Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 55Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 56Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 57Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 58Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
3- 5
3.1.7.2 BUS ERROR (
BERR). This signal is also a bus cycle termination indicator and
can be used in the absence of
DSACK
≈ to indicate a bus error condition. BERR can also
be asserted in conjunction with
DSACK
≈ to indicate a bus error condition, provided it
meets the appropriate timing described in this section and in Section 11 Electrical
Characteristics. Additionally,
BERR and HALT can be asserted together to indicate a
retry termination. Refer to 3.5 Bus Exception Control Cycles for additional information
on the use of these signals.
The internal bus monitor can be used to generate an internal bus error signal for internal
and internal-to-external transfers. If the bus cycles of an external bus master are to be
monitored, external
BERR generation must be provided since the internal bus error
monitor has no information about transfers initiated by an external bus master.
3.1.7.3 AUTOVECTOR (
AVEC).This signal can be used to terminate interrupt
acknowledge cycles, indicating that the MC68340 should internally generate a vector
(autovector) number to locate an interrupt handler routine.
AVEC can be generated either
externally or internally by the SIM40 (see Section 4 System Integration Module for
additional information).
AVEC is ignored during all other bus cycles.
3.2 DATA TRANSFER MECHANISM
The MC68340 supports byte, word, and long-word operands, allowing access to 8- and
16-bit data ports through the use of asynchronous cycles controlled by
DSACK1 and
DSACK0. The MC68340 also supports byte, word, and long-word operands, allowing
access to 8- and 16-bit data ports through the use of synchronous cycles controlled by the
fast termination capability of the SIM40.
3.2.1 Dynamic Bus Sizing
The MC68340 dynamically interprets the port size of the addressed device during each
bus cycle, allowing operand transfers to or from 8- and 16-bit ports. During an operand
transfer cycle, the slave device signals its port size (byte or word) and indicates
completion of the bus cycle to the MC68340 through the use of the
DSACK
≈ inputs. Refer
to Table 3-3 for
DSACK
≈ encoding.
Table 3-3.
DSACK
≈ Encoding
DSACK1
DSACK0
Result
1
(Negated)
1
(Negated)
Insert Wait States in Current Bus Cycle
1
(Negated)
0
(Asserted)
Complete Cycle—Data Bus Port Size Is 8 Bits
0
(Asserted)
1
(Negated)
Complete Cycle—Data Bus Port Size Is 16 Bits
0
(Asserted)
0
(Asserted)
Reserved—Defaults to 16-Bit Port Size Can Be
Used for 32-Bit DMA cycles
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com