Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68340 Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 27Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 28Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 29Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 30Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 31Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 32Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 33Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 34Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
1- 7
1.3.1.7 IEEE 1149.1 TEST ACCESS PORT. To aid in system diagnostics, the MC68340
includes dedicated user-accessible test logic that is fully compliant with the IEEE 1149.1
standard for boundary scan testability, often referred to as JTAG (Joint Test Action
Group).
1.3.2 Direct Memory Access Module
The most distinguishing MC68340 characteristic is the high-speed 32-bit DMA controller,
used to quickly move large blocks of data between internal peripherals, external
peripherals, or memory without processor intervention. The DMA module consists of two,
independent, programmable channels. Each channel has separate request, acknowledge,
and done signals. Each channel can operate in a single-address or a dual-address (flyby)
mode.
In single-address mode, only one (the source or the destination) address is provided, and
a peripheral device such as a serial communications controller receives or supplies the
data. An external request must start a single-address transfer. In this mode, each channel
supports 32 bits of address and 8, 16, or 32 bits of data.
In dual-address mode, two bus transfers occur, one from a source device and the other to
a destination device. Dual-address transfers can be started by either an internal or
external request. In this mode, each channel supports 32 bits of address and 8 or 16 bits
of data (32 bits require external logic). The source and destination port size can be
selected independently; when they are different, the data will be packed or unpacked. An
8-bit disk interface can be read twice before the concatenated 16-bit result is passed into
memory.
Byte, word, and long-word counts up to 32 bits can be transferred. All addresses and
transfer counters are 32 bits. Addresses increment or remain constant, as programmed.
The DMA channels support two external request modes, burst transfer and cycle steal.
Internal requests can be programmed to occupy 25, 50, 75, or 100 percent of the data bus
bandwidth. Interrupts can be programmed to postpone DMA completion.
The DMA module can sustain a transfer rate of 12.5 Mbytes/sec in dual-address mode
and nearly 50 Mbytes/sec in single-address mode @ 25.16 MHz (8.4 and 33.3 Mbytes/sec
@
16.78 MHz, respectively). The DMA controller arbitrates with the CPU32 for the bus in
parallel with existing bus cycles and is fully synchronized with the CPU32, eliminating all
delays normally associated with bus arbitration by allowing DMA bus cycles to butt
seamlessly with CPU bus cycles.
1.3.3 Serial Module
Most digital systems use serial I/O to communicate with host computers, operator
terminals, or remote devices. The MC68340 contains a two-channel, full-duplex USART.
An on-chip baud rate generator provides standard baud rates up to 76.8k baud
independently to each channel's receiver and transmitter. The module is functionally
equivalent to the MC68681/MC2681 DUART.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com