Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68340 Datasheet(PDF) 236 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 236 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 232Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 233Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 234Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 235Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 236Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 237Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 238Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 239Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 240Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
5- 99
5.7.3.1 FETCH EFFECTIVE ADDRESS. The fetch EA table indicates the number of clock
periods needed for the processor to calculate and fetch the specified EA. The total
number of clock cycles is outside the parentheses. The numbers inside parentheses
(r/p/w) are included in the total clock cycle number. All timing data assumes two-clock
reads and writes.
Instruction
Head
Tail
Cycles
Notes
Dn
–
–
0(0/0/0)
–
An
–
–
0(0/0/0)
–
(An)
1
1
3(X/0/0)
1
(An)
+
1
1
3(X/0/0)
1
−(An)
2
2
4(X/0/0)
1
(d 16,An) or (d16,PC)
1
3
5(X/1/0)
1,3
(xxx).W
1
3
5(X/1/0)
1
(xxx).L
1
5
7(X/2/0)
1
#
〈data〉.B
1
1
3(0/1/0)
1
#
〈data〉.W
1
1
3(0/1/0)
1
#
〈data〉.L
1
3
5(0/2/0)
1
(d 8,An,Xn.Sz × Sc) or (d8,PC,Xn.Sz × Sc)
4
2
8(X/1/0)
1,2,3,4
(0) (All Suppressed)
2
2
6(X/1/0)
1,4
(d 16)
1
3
7(X/2/0)
1,4
(d 32)
1
5
9(X/3/0)
1,4
(An)
1
1
5(X/1/0)
1,2,4
(Xm.Sz
× Sc)
4
2
8(X/1/0)
1,2,4
(An,Xm.Sz
× Sc)
4
2
8(X/1/0)
1,2,3,4
(d 16,An) or (d16,PC)
1
3
7(X/2/0)
1,3,4
(d 32,An) or (d32,PC)
1
5
9(X/3/0)
1,3,4
(d 16,An,Xm) or (d16,PC,Xm)
2
2
8(X/2/0)
1,3,4
(d 32,An,Xm) or (d32,PC,Xm)
1
3
9(X/3/0)
1,3,4
(d 16,An,Xm.Sz × Sc) or (d16,PC,Xm.Sz × Sc)
2
2
8(X/2/0)
1,2,3,4
(d 32,An,Xm.Sz × Sc) or (d32,PC,Xm.Sz × Sc)
1
3
9(X/3/0)
1,2,3,4
X = There is one bus cycle for byte and word operands and two bus cycles for long-word operands.
For long-word bus cycles, add two clocks to the tail and to the number of cycles.
NOTES:
1. The read of the EA and replacement fetches overlap the head of the operation by the amount
specified in the tail.
2. Size and scale of the index register do not affect execution time.
3. The PC may be substituted for the base address register An.
4. When adjusting the prefetch time for slower buses, extra clocks may be subtracted from the
head until the head reaches zero, at which time additional clocks must be added to both the tail
and cycle counts.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com