Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68340 Datasheet(PDF) 247 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 247 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 243Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 244Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 245Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 246Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 247Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 248Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 249Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 250Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 251Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 441 page
background image
5- 110
MC68340 USER’S MANUAL
MOTOROLA
5.7.3.11 CONDITIONAL BRANCH INSTRUCTIONS. The conditional branch instruction
table indicates the number of clock periods needed for the processor to perform the
specified branch on the given branch size, with complete execution times given. No
additional tables are needed to calculate total effective execution time for these
instructions. The total number of clock cycles is outside the parentheses. The numbers
inside parentheses (r/p/w) are included in the total clock cycle number. All timing data
assumes two-clock reads and writes.
Instruction
Head
Tail
Cycles
Bcc
(taken)
2
−2
8(0/2/0)
Bcc.B
(not taken)
2
0
4(0/1/0)
Bcc.W
(not taken)
0
0
4(0/2/0)
Bcc.L
(not taken)
0
0
6(0/3/1)
DBcc
(T, not taken)
1
1
4(0/2/0)
DBcc
(F,
−1, not taken)
2
0
6(0/2/0)
DBcc
(F, not
−1, taken)
6
−2
10(0/2/0)
DBcc
(T, not taken)
4
0
6(0/1/0)
∗
DBcc
(F,
−1, not taken)
6
0
8(0/1/0)
∗
DBcc
(F, not
−1, taken)
6
0
10(0/0/0)
∗
∗ = In loop mode
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com