Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68340 Datasheet(PDF) 265 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 265 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 261Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 262Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 263Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 264Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 265Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 266Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 267Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 268Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 269Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
6- 15
the FCR, and the size in the CCR. When the complete operand is written, the DAR is
incremented by 0, 1, 2, or 4, according to the increment and size information specified by
the DAPI and DSIZE bits of the CCR, and the byte transfer count register (BTC) is
decremented by the number of bytes transferred. If the BTC is equal to zero and there
were no errors, the CSR DONE bit is set, and the
DONE
≈ signal for the DMA handshake
is asserted. The DMA control signals (
DACK
≈ and DONE≈) are asserted in the destination
(write) cycle when the destination device makes a request. See Figures 6-11 and 6-12 for
timing diagrams of dual-address write for external burst and cycle steal modes.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com