Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68340 Datasheet(PDF) 293 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 293 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 289Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 290Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 291Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 292Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 293Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 294Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 295Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 296Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 297Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
6- 43
MOVE.W
#$0742,DMAINT1(A0)
* Initialize channel status reg.
* Clear the DONE, BES, BED, CONF and BRKP bits to allow channel to startup.
MOVE.B
#$7C,DMACSR1(A0)
* Initialize function code reg.
* DMA space, supervisor data space for source and destination.
MOVE.B
#$DD,DMAFCR1(A0)
* Initialize source operand address
* Source address is equal to $6000.
MOVE.L
SARADD,DMASAR1(A0)
* Initialize destination operand address
* Destination address is equal to $8000.
MOVE.L
DARADD,DMADAR1(A0)
* Initialize the byte transfer count register
* The number of bytes to be transferred is $64 or 50 words
MOVE.L
NUMBYTE,DMABTC1(A0)
* Channel control reg. init. and Start DMA transfers
* No interrupts are enabled, destination (write) cycle.
* Source address is not incremented. Increment the destination address.
* Source size is word, destination size is word. REQ is internal.
* 100% of bus bandwidth, dual-address transfers, start the DMA transfers.
MOVE.W
#$068D,DMACCR1(A0)
***************************************************************************
END
***************************************************************************
Example 4: Cycle Steal Request Generation, Dual-Address Transfers.
***************************************************************************
* MC68340 basic DMA channel register initialization example code.
* This code is used to initialize the 68340's internal DMA channel
* registers, providing basic functions for operation.
* The code sets up channel 1 for external cycle steal request generation,
* dual-address transfers. DMA 16-bit wide data from an odd address to an
* even address. Control signals are asserted on the DMA read cycle.
***************************************************************************
***************************************************************************
* SIM40 equates
***************************************************************************
MBAR
EQU $0003FF00 Address of SIM40 Module Base Address Reg.
MODBASE
EQU $FFFFF000 SIM40 MBAR address value
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com