Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68340 Datasheet(PDF) 118 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 118 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 114Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 115Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 116Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 117Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 118Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 119Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 120Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 121Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 122Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
4- 21
NOTE
An access to this register does not affect external space since
the cycle is not run externally.
Example code for accessing the MBAR is as follows:
Register D0 will contain the value of MBAR. MBAR can be read using the following code:
MOVE.L
#7,D0
load D0 with the CPU space function code
MOVEC.L
D0,SFC
load SFC to indicate CPU space
LEA.L
$0003FF00,A0
load A0 with the address of MBAR
MOVES.L
(A0),D0
load D0 with the contents of MBAR
Address $0003FF00 in CPU space (MBAR) will be loaded with the value $FFFFF001.
This value will set the base address of the internal registers to $FFFFF. MBAR can be
written to using the following code:
MOVE.L
#7,D0
load D0 with the CPU space function code
MOVEC.L
D0,DFC
load DFC to indicate CPU space
LEA.L
$0003FF00,A0
load A0 with the address of MBAR
MOVE.L
#$FFFFF001,D0
load D0 with the value to be written into MBAR
MOVES.L
D0,(A0)
write the value contained in D0 into MBAR
4.3.2 System Configuration and Protection Registers
The following paragraphs provide descriptions of the system configuration and protection
registers.
4.3.2.1 MODULE CONFIGURATION REGISTER (MCR). The MCR, which controls the
SIM40 configuration, can be read or written at any time.
MCR
$000
15
14
13
12
11
10
9876543210
0
FRZ1
FRZ0
FIRQ
0
0
SHEN1
SHEN0
SUPV
0
0
0
IARB3
IARB2
IARB1
IARB0
RESET:
0110000010001111
Supervisor Only
Bits 15, 11, 10, 6–4—Reserved
FRZ1—Freeze Software Enable
1 = When FREEZE is asserted, the software watchdog and periodic interrupt timer
counters are disabled, preventing interrupts from occurring during software
debug.
0 = When FREEZE is asserted, the software watchdog and periodic interrupt timer
counters continue to run. See 4.2.7 Freeze for more information.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com