Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83849IF Datasheet(PDF) 70 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83849IF
Description  PHYTER짰 DUAL Industrial Temperature with Fiber Support (FX) an Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83849IF Datasheet(HTML) 70 Page - National Semiconductor (TI)

Back Button DP83849IF Datasheet HTML 66Page - National Semiconductor (TI) DP83849IF Datasheet HTML 67Page - National Semiconductor (TI) DP83849IF Datasheet HTML 68Page - National Semiconductor (TI) DP83849IF Datasheet HTML 69Page - National Semiconductor (TI) DP83849IF Datasheet HTML 70Page - National Semiconductor (TI) DP83849IF Datasheet HTML 71Page - National Semiconductor (TI) DP83849IF Datasheet HTML 72Page - National Semiconductor (TI) DP83849IF Datasheet HTML 73Page - National Semiconductor (TI) DP83849IF Datasheet HTML 74Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 108 page
background image
70
www.national.com
7.2.4 RMII and Bypass Register (RBR)
This register configures the RMII/MII Interface Mode of operation. This register controls selecting MII, RMII, or Single
Clock MII mode for Receive or Transmit. In addition, several additional bits are included to allow datapath selection for
Transmit and Receive in multiport applications.
Table 36. RMII and Bypass Register (RBR), addresses 17h
Bit
Bit Name
Default
Description
15
SIM_WRITE
0, RW
Simultaneous Write:
Setting this bit in port A register space enables simultaneous write to Phy
registers in both ports. Subsequent writes to port A registers will write to
registers in both ports A and B.
1 = Simultaneous writes to both ports
0 = Per-port write
14
RESERVED
0, RO
RESERVED: Writes ignored, Read as 0
13
DIS_TX_OPT
0, RW
Disable RMII TX Latency Optimization:
Normally the RMII Transmitter will minimize the transmit latency by
realigning the transmit clock with the Reference clock phase at the
start of a packet transmission. Setting this bit will disable Phase re-
alignment and ensure that IDLE bits will always be sent in multiples
of the symbol size. This will result in a larger uncertainty in RMII
transmit latency.
12:11
RX_PORT
00, RW
Receive Port:
See Section 3.5 for more information on Flexible Port Switching.
10:9
TX_SOURCE
Strap, RW
Transmit Source:
See Section 3.5 for more information on Flexible Port Switching.
00 = Not strapped for Extender Mode
10 = Strapped for Extender Mode
8
PMD_LOOP
0, RW
PMD Loopback:
0= Normal Operation
1= Remote (PMD) Loopback
Setting this bit will cause the device to Loopback data received
from the Physical Layer. The loopback is done prior to the MII or
RMII interface. Data received at the internal MII or RMII interface
will be applied to the transmitter. This mode should only be used if
RMII mode or Single Clock MII mode is enabled.
7
SCMII_RX
Strap, RW
Single Clock RX MII Mode:
0= Standard MII mode
1= Single Clock RX MII Mode
Setting this bit will cause the device to generate receive data
(RX_DV, RX_ER, RXD[3:0]) synchronous to the X1 Reference
clock. RX_CLK is not used in this mode. This mode uses the RMII
elasticity buffer to tolerate variations in clock frequencies. This bit
cannot be set if RMII_MODE is set to a 1. This bit is strapped to 1
if EXTENDER_EN is 1 and RMII Mode is not strapped at hard re-
set.
6
SCMII_TX
Strap, RW
Single Clock TX MII Mode:
0= Standard MII mode
1= Single Clock TX MII Mode
Setting this bit will cause the device to sample transmit data
(TX_EN, TXD[3:0]) synchronous to the X1 Reference clock.
TX_CLK is not used in this mode. This bit cannot be set if
RMII_MODE is set to a 1. This bit is strapped to 1 if
EXTENDER_EN is 1 and RMII Mode is not strapped at hard reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com