Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9705-EB Datasheet(PDF) 32 Page - Analog Devices

Part # AD9705-EB
Description  8-/10-/12-/14-Bit, 175 MSPS TxDAC D/A Converters
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9705-EB Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9705-EB Datasheet HTML 28Page - Analog Devices AD9705-EB Datasheet HTML 29Page - Analog Devices AD9705-EB Datasheet HTML 30Page - Analog Devices AD9705-EB Datasheet HTML 31Page - Analog Devices AD9705-EB Datasheet HTML 32Page - Analog Devices AD9705-EB Datasheet HTML 33Page - Analog Devices AD9705-EB Datasheet HTML 34Page - Analog Devices AD9705-EB Datasheet HTML 35Page - Analog Devices AD9705-EB Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
AD9704/AD9705/AD9706/AD9707
Rev. 0 | Page 32 of 52
SPI REGISTER DESCRIPTIONS
Table 15. SPI CTL—Register 0x00
Bit Name
Bit
Direction (I/O)
Default
Description
SDIODIR
7
I
1
0: SDIO pin configured for input only during data transfer (4-wire interface)
1: SDIO pin configured for input or output during data transfer (3-wire interface)
DATADIR
6
I
0
0: Serial data uses MSB first format
1: Serial data uses LSB first format
SWRST
5
I
0
1: Initiate a software reset; this bit is set to 0 upon reset completion
LNGINS
4
I
0
0: Use 1 byte preamble (5 address bits)
1: Use 2 byte preamble (13 address bits)
PDN
3
I
0
1: All analog and digital circuitry off, except serial interface
SLEEP
2
I
0
1: DAC output current off
CLKOFF
1
I
0
1: Disables internal master clock.
EXREF
0
I
0
0: Internal bandgap reference
1: External reference
Table 16. DATA—Register 0x02
Bit Name
Bit
Direction (I/O)
Default
Description
DATAFMT
7
I
0
0: Unsigned binary input data format
1: Twos complement input data format
DCLKPOL
4
I
0
0: Data latched on DATACLK rising edge always
1: Data latched on DATACLK falling edge (only active in DESKEW mode)
DESKEW
3
I
0
0: DESKEW mode disabled
1: DESKEW mode enabled (adds a register in digital data path to remove
skew in received data; one clock cycle of latency is introduced)
CLKDIFF
2
I
0
0: Single-ended clock input
1: Differential clock input
CALCLK
0
I
0
0: Calibration clock disabled
1: Calibration clock enabled
Table 17. VERSION—Register 0x0D
Bit Name
Bit
Direction (I/O)
Default
Description
VER[3:0]
[3:0]
O
Hardware version identifier
Table 18. CALMEM—Register 0x0E
Bit Name
Bit
Direction (I/O)
Default
Description
CALMEM[1:0]
[5:4]
O
00
Calibration memory
00: Uncalibrated
01: Self-calibration
10: Not Used
11: User input
DIVSEL[2:0]
[2:0]
I
000
Calibration clock divide ratio from DAC clock rate
000: /256
001: /128
:
110: /4
111: /2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com