Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9705-EB Datasheet(PDF) 10 Page - Analog Devices

Part # AD9705-EB
Description  8-/10-/12-/14-Bit, 175 MSPS TxDAC D/A Converters
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9705-EB Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9705-EB Datasheet HTML 6Page - Analog Devices AD9705-EB Datasheet HTML 7Page - Analog Devices AD9705-EB Datasheet HTML 8Page - Analog Devices AD9705-EB Datasheet HTML 9Page - Analog Devices AD9705-EB Datasheet HTML 10Page - Analog Devices AD9705-EB Datasheet HTML 11Page - Analog Devices AD9705-EB Datasheet HTML 12Page - Analog Devices AD9705-EB Datasheet HTML 13Page - Analog Devices AD9705-EB Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
AD9704/AD9705/AD9706/AD9707
Rev. 0 | Page 10 of 52
ABSOLUTE MAXIMUM RATINGS
Table 7.
Parameter
With
Respect to
Rating
AVDD
ACOM
−0.3 V to +3.9 V
DVDD
DCOM
−0.3 V to +3.9 V
CLKVDD
CLKCOM
−0.3 V to +3.9 V
ACOM
DCOM
−0.3 V to +0.3 V
ACOM
CLKCOM
−0.3 V to +0.3 V
DCOM
CLKCOM
−0.3 V to +0.3 V
AVDD
DVDD
−3.9 V to +3.9 V
AVDD
CLKVDD
−3.9 V to +3.9 V
DVDD
CLKVDD
−3.9 V to +3.9 V
CLOCK, SLEEP
DCOM
−0.3 V to DVDD + 0.3 V
Digital Inputs, MODE
DCOM
−0.3 V to DVDD + 0.3 V
IOUTA, IOUTB
ACOM
−1.0 V to AVDD + 0.3 V
REFIO, REFLO, FS ADJ,
OTCM
ACOM
−0.3 V to AVDD + 0.3 V
CLK+, CLK–, CMODE
CLKCOM
−0.3 V to CLKVDD + 0.3 V
Junction Temperature
150°C
Storage Temperature
Range
−65°C to +150°C
Lead Temperature
(10 sec)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL CHARACTERISTICS1
Table 8. Thermal Resistance
Package Type
θJA
Unit
32-Lead LFCSP_VQ
32.5
°C/W
1 Thermal impedance measurements were taken on a 4-layer board in still air,
in accordance with EIA/JESD51-7.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com