Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9705-EB Datasheet(PDF) 1 Page - Analog Devices

Part # AD9705-EB
Description  8-/10-/12-/14-Bit, 175 MSPS TxDAC D/A Converters
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9705-EB Datasheet(HTML) 1 Page - Analog Devices

  AD9705-EB Datasheet HTML 1Page - Analog Devices AD9705-EB Datasheet HTML 2Page - Analog Devices AD9705-EB Datasheet HTML 3Page - Analog Devices AD9705-EB Datasheet HTML 4Page - Analog Devices AD9705-EB Datasheet HTML 5Page - Analog Devices AD9705-EB Datasheet HTML 6Page - Analog Devices AD9705-EB Datasheet HTML 7Page - Analog Devices AD9705-EB Datasheet HTML 8Page - Analog Devices AD9705-EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
8-/10-/12-/14-Bit, 175 MSPS
TxDAC® D/A Converters
AD9704/AD9705/AD9706/AD9707
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Pin-compatible family
Low power member of pin-compatible
TxDAC product family
Power dissipation @ 3.3 V
22 mW @ 10 MSPS
25 mW @ 25 MSPS
30 mW @ 50 MSPS
Sleep mode: 3.1 mW @ 3.3 V
Supply voltage: 1.7 V to 3.6 V
SFDR to Nyquist
AD9707: 84 dBc @ 5 MHz output
AD9707: 83 dBc @ 10 MHz output
AD9707: 75 dBc @ 20 MHz output
AD9707 NSD @ 10 MHz output, 125 MSPS: −147 dBc/Hz
Differential current outputs: 1 mA to 5 mA
Data format: twos complement or straight binary
On-chip 1.0 V reference
CMOS-compatible digital interface
Edge-triggered latches
Clock input: single-ended and differential
Output common mode: adjustable 0 V to 1.2 V
Power-down mode < 2 mW @ 3.3 V (SPI® controllable)
Serial peripheral interface (SPI)
Self-calibration
32-lead LFCSP_VQ, Pb-free package
FUNCTIONAL BLOCK DIAGRAM
0.1µF
LSB
SWITCHES
SEGMENTED
SWITCHES
LATCHES
CURRENT
SOURCE
ARRAY
DIGITAL INPUTS (DB13 TO DB0) SLEEP/CSB
CMODE/SCLK
MODE/SDIO
SPI
IOUTB
IOUTA
OTCM
REFIO
FS ADJ
CLKVDD
CLKCOM
CLK–
CLK+
ACOM
AVDD
DVDD
DCOM
1.0V REF
RSET
1.7V TO 3.6V
1.7V
TO
3.6V
1.7V TO
3.6V
PIN/SPI/RESET
AD9707
Figure 1. AD9707
PRODUCT HIGHLIGHTS
1.
Pin Compatible. The AD970x line of TxDACs is pin-
compatible with the AD974x TxDAC line (LFCSP_VQ
package).
2.
Low Power. Complete CMOS DAC operates on a single
supply of 3.6 V down to 1.7 V, consuming 25 mW (3.3 V)
and 10 mW (1.8 V). The DAC full-scale current can be
reduced for lower power operation, and sleep and power-
down modes are provided for low power idle periods.
3.
Self-calibration. Self-calibration enables true 14-bit INL
and DNL performance in the AD9707.
4.
Twos Complement/Binary Data Coding Support. Data input
supports twos complement or straight binary data coding.
5.
CMOS Clock Input. High speed, single-ended, and
differential CMOS clock input supports 175 MSPS
conversion rate.
6.
SPI Control. SPI control offers a higher level of
programmability.
7.
Easy Interfacing to Other Components. Adjustable output
common mode from 0 V to 1.2 V allows for easy interfacing
to other components that accept common-mode levels
greater than 0 V.
8.
On-Chip Voltage Reference. The AD970x includes a 1.0 V
temperature-compensated band gap voltage reference.
9.
Industry-Standard 32-Lead LFCSP_VQ Package.


Similar Part No. - AD9705-EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9705-DPG2-EBZ AD-AD9705-DPG2-EBZ Datasheet
1Mb / 42P
Digital-to-Analog Converters
11/2017-Rev. C to Rev. D
More results

Similar Description - AD9705-EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9742 AD-AD9742 Datasheet
783Kb / 20P
12-Bit, 165 MSPS TxDAC D/A Converter
REV.0
AD9760 AD-AD9760 Datasheet
412Kb / 23P
10-Bit, 125 MSPS TxDAC D/A Converter
REV.B
AD9762 AD-AD9762 Datasheet
414Kb / 23P
12-Bit, 125 MSPS TxDAC D/A Converter
REV.B
AD9764 AD-AD9764 Datasheet
307Kb / 22P
14-Bit, 125 MSPS TxDAC D/A Converter
REV.B
AD9734 AD-AD9734 Datasheet
934Kb / 42P
14/12/10-Bit, 1200 MSPS D/A Converters
AD9763 AD-AD9763_11 Datasheet
643Kb / 44P
10-/12-/14-Bit, 125 MSPS Dual TxDAC Digital-to-Analog Converters
Rev. G
AD9764ARUZ AD-AD9764ARUZ Datasheet
314Kb / 22P
14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9764ARZ AD-AD9764ARZ Datasheet
314Kb / 22P
14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9764ARUZRL7 AD-AD9764ARUZRL7 Datasheet
314Kb / 22P
14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9748 AD-AD9748_15 Datasheet
712Kb / 24P
8-Bit, 210 MSPS TxDAC D/A Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com