Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9705-EB Datasheet(PDF) 6 Page - Analog Devices

Part # AD9705-EB
Description  8-/10-/12-/14-Bit, 175 MSPS TxDAC D/A Converters
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9705-EB Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9705-EB Datasheet HTML 2Page - Analog Devices AD9705-EB Datasheet HTML 3Page - Analog Devices AD9705-EB Datasheet HTML 4Page - Analog Devices AD9705-EB Datasheet HTML 5Page - Analog Devices AD9705-EB Datasheet HTML 6Page - Analog Devices AD9705-EB Datasheet HTML 7Page - Analog Devices AD9705-EB Datasheet HTML 8Page - Analog Devices AD9705-EB Datasheet HTML 9Page - Analog Devices AD9705-EB Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
AD9704/AD9705/AD9706/AD9707
Rev. 0 | Page 6 of 52
DIGITAL SPECIFICATIONS (3.3 V)
TMIN to TMAX, AVDD = 3.3 V, DVDD = 3.3 V, CLKVDD = 3.3 V, IOUTFS = 2 mA, unless otherwise noted.
Table 3.
AD9707
AD9706
AD9705
AD9704
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
DIGITAL INPUTS1
Logic 1 Voltage
2.1
3
2.1
3
2.1
3
2.1
3
V
Logic 0 Voltage
0
0.9
0
0.9
0
0.9
0
0.9
V
Logic 1 Current
−10
+10
−10
+10
−10
+10
−10
+10
μA
Logic 0 Current
10
10
10
10
μA
Input Capacitance
5
5
5
5
pF
Input Setup Time (tS)
1.3
1.3
1.3
1.3
ns
Input Hold Time (tH)
0.7
0.7
0.7
0.7
ns
Latch Pulsewidth (tLPW)
2.8
2.8
2.8
2.8
ns
CLK INPUTS2
Input Voltage Range
0
3
0
3
0
3
0
3
V
Common-Mode Voltage
0.75
1.5
2.25
0.75
1.5
2.25
0.75
1.5
2.25
0.75
1.5
2.25
V
Differential Voltage
0.5
1.5
0.5
1.5
0.5
1.5
0.5
1.5
V
1 Includes CLK+ pin in single-ended clock input mode.
2 Applicable to CLK+ input and CLK– input when configured for differential clock input mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com