Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMD3721 Datasheet(PDF) 7 Page - ams AG

Part # TMD3721
Description  ALS/Color and Proximity Sensor Module for Behind OLED Applications
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD3721 Datasheet(HTML) 7 Page - ams AG

Back Button TMD3721 Datasheet HTML 3Page - ams AG TMD3721 Datasheet HTML 4Page - ams AG TMD3721 Datasheet HTML 5Page - ams AG TMD3721 Datasheet HTML 6Page - ams AG TMD3721 Datasheet HTML 7Page - ams AG TMD3721 Datasheet HTML 8Page - ams AG TMD3721 Datasheet HTML 9Page - ams AG TMD3721 Datasheet HTML 10Page - ams AG TMD3721 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 89 page
background image
Page 6
Datasheet, Public
Document Feedback
[v3-00] 2023-May-26
TMD3721 − Electrical Characteristics
All limits are guaranteed. The parameters with min and max
values are guaranteed with production tests or SQC (Statistical
Quality Control) methods.
Figure 6:
Recommended Operating Conditions
Note(s):
1. While the device is operational across the temperature range, performance will vary with temperature. Operational characteristics
are at 25°C, unless otherwise noted.
Figure 7:
Operating Characteristics, VDD18 = 1.8V, VDD3 = 3.0V, TA = 25°C (unless otherwise noted)
Note(s):
1. Values are shown at the VDD18 pin and do not include current through the IR VCSEL emitter.
2. Active state occurs when PON =1 and the device is actively integrating either proximity or ALS.
3. Idle state occurs when PON =1 and all functions are not enabled.
4. Sleep state occurs when PON = 0 and I²C bus is idle. If sleep state has been entered as the result of operational flow, SAI = 1, PON
will remain high.
Symbol
Parameter
Min
Typ
Max
Unit
VDD18
Supply Voltage to Sensor
1.7
1.8
1.98
V
VDD3
Supply Voltage to IR Emitter
2.9
3.3
3.6
V
TA
Operating Ambient Temperature (1)
-30
85
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fOSC
Oscillator frequency
7.9
8.1
8.3
MHz
IDD
Supply Current (1)
Active Proximity State
(PON=PEN=1, AEN=0) (2)
584
684
μA
Active ALS State (PON=AEN=1,
PEN=0) (2)
275
355
Idle State (PON=1,
AEN=PEN=0) (3)
76
100
Sleep State (PON = 0) (4)
0.7
5
VOL
INT, SDA output low voltage
6mA sink current
0.6
V
ILEAK
Leakage current, SDA, SCL, INT
-5
5
μA
VIH
SCL, SDA, VSYNC, XRES input
high voltage
1.26
V
VIL
SCL, SDA, VSYNC, XRES input
low voltage
0.54
V
TActive
Time from power-on to ready
to receive I²C commands
1.6
ms
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com