Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMD3721 Datasheet(PDF) 44 Page - ams AG

Part # TMD3721
Description  ALS/Color and Proximity Sensor Module for Behind OLED Applications
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD3721 Datasheet(HTML) 44 Page - ams AG

Back Button TMD3721 Datasheet HTML 40Page - ams AG TMD3721 Datasheet HTML 41Page - ams AG TMD3721 Datasheet HTML 42Page - ams AG TMD3721 Datasheet HTML 43Page - ams AG TMD3721 Datasheet HTML 44Page - ams AG TMD3721 Datasheet HTML 45Page - ams AG TMD3721 Datasheet HTML 46Page - ams AG TMD3721 Datasheet HTML 47Page - ams AG TMD3721 Datasheet HTML 48Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 89 page
background image
Datasheet, Public
Page 43
[v3-00] 2023-May-26
Document Feedback
TMD3721 − Register Overview
STATUS_3 Register (Address 0xA2)
Figure 55:
STATUS_3 Register
All flags with access type of RW, SC in STATUS, STATUS_2, and
STATUS_3 registers can be cleared by setting the bit high.
Alternatively, if the INT_READ_CLEAR in the CFG3 register bit is
set, then simply reading these registers automatically clears all
flags.
PID_L Register (Address 0xA5)
Figure 56:
PID_L Register
Addr: 0xA2
STATUS_3
Bit
Bit Name
Default
Access
Bit Description
7
PWM_PRD_CHG_
INT
0
RW, SC
Interrupt when there is a change in PWM period
6:5
Reserved
00
RW, SC
Reserved. Must be set to default value.
4
ATINT
0
RW, SC
Interrupt when ATIME is completed.
3FTINT
0
RW, SC
Interrupt when FIFO_LVL crosses FIFO_THR_LVL. FTIEN
needs to be set.
2AWINT
0
RW, SC
Interrupt when AWTIME is completed. To enable AWINT,
both AWEN and AWIEN have to be set.
1
ASAT
0
RW, SC
ALS analog saturation.
0AINT
0
RW, SC
ALS interrupt flag indicates that ALS results have
exceeded the AILT or AIHT thresholds and persistence
settings.
Addr: 0xA5
PID_L
Bit
Bit Name
Default
Access
Bit Description
7:0
PID_L
0x00
RW
The low byte of the 16bit programmable Proximity ID.
Whenever a proximity pulse is triggered during ASP1
ASP2 sampling period in Full Parallel Mode, PID is
written into the FIFO instead of the actual ALS data if
PID_EN is 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com