Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMD3721 Datasheet(PDF) 9 Page - ams AG

Part # TMD3721
Description  ALS/Color and Proximity Sensor Module for Behind OLED Applications
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD3721 Datasheet(HTML) 9 Page - ams AG

Back Button TMD3721 Datasheet HTML 5Page - ams AG TMD3721 Datasheet HTML 6Page - ams AG TMD3721 Datasheet HTML 7Page - ams AG TMD3721 Datasheet HTML 8Page - ams AG TMD3721 Datasheet HTML 9Page - ams AG TMD3721 Datasheet HTML 10Page - ams AG TMD3721 Datasheet HTML 11Page - ams AG TMD3721 Datasheet HTML 12Page - ams AG TMD3721 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 89 page
background image
Page 8
Datasheet, Public
Document Feedback
[v3-00] 2023-May-26
TMD3721 − Optical Characteristics
Note(s):
1. Dark ADC count refers to the full ALS count with ENAB_RES_BITS =0.
2. The gain ratios are calculated relative to the response with integration time = 13.9ms and ALS gain = 128x.
3. Representative result by lab characterization.
4. The White LED is an InGaN light-emitting diode with integrated phosphor and the following characteristic: correlated color
temperature = 2700K.
5. Lux accuracy is an illuminance estimated using the red, green, blue, and clear channels and is not production tested.
6. ADC noise is representative result by lab characterization and calculated as the standard deviation of 1000 readings relative to full
scale.
7. The Blue LED is an InGaN light-emitting diode with the following characteristics: dominant wavelength λD = 465nm, spectral
halfwidth Δλ½ = 22nm.
8. The Red LED is an AlInGaP light-emitting diode with the following characteristics: dominant wavelength λD = 615nm, spectral
halfwidth Δλ½ = 15nm.
9. The Green LED is an InGaN light-emitting diode with the following characteristics: dominant wavelength λD = 525nm, spectral
halfwidth Δλ½ = 35nm.
Red/Clear channel ratios
White LED, 2700K
49
67
86
%
Blue LED, λD = 465nm
(7)
07
20
Red LED, λD= 615nm
(8)
73
96
119
Green/Clear channel ratios
White LED, 2700K
17
29
41
%
Green LED, λD = 525nm
(9)
56
76
96
Red LED, λD = 615nm
111
21
Blue/Clear channel ratios
White LED, 2700K
3
17
31
%
Blue LED, λD = 465nm
67
87
107
Red LED, λD = 615nm
05.5
16
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com