Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMD3721 Datasheet(PDF) 26 Page - ams AG

Part # TMD3721
Description  ALS/Color and Proximity Sensor Module for Behind OLED Applications
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD3721 Datasheet(HTML) 26 Page - ams AG

Back Button TMD3721 Datasheet HTML 22Page - ams AG TMD3721 Datasheet HTML 23Page - ams AG TMD3721 Datasheet HTML 24Page - ams AG TMD3721 Datasheet HTML 25Page - ams AG TMD3721 Datasheet HTML 26Page - ams AG TMD3721 Datasheet HTML 27Page - ams AG TMD3721 Datasheet HTML 28Page - ams AG TMD3721 Datasheet HTML 29Page - ams AG TMD3721 Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 89 page
background image
Datasheet, Public
Page 25
[v3-00] 2023-May-26
Document Feedback
TMD3721 − Register Overview
Detailed Register Description
LOTL Register (Address 0x07)
Figure 23:
LOTL Register
LOTH Register (Address 0x08)
Figure 24:
LOTH Register
SNL Register (Address 0x09)
Figure 25:
SNL Register
SNH Register (Address 0x0A)
Figure 26:
SNH Register
Addr: 0x07
LOTL
Bit
Bit Name
Default
Access
Bit Description
7:0
LOTL
0x00
R
The low byte of the 16-bit lot ID.
Addr: 0x08
LOTH
Bit
Bit Name
Default
Access
Bit Description
7:0
LOTH
0x00
R
The high byte of the 16-bit lot ID.
Addr: 0x09
SNL
Bit
Bit Name
Default
Access
Bit Description
7:0
SNL
0x00
R
The low byte of the 16-bit serial number.
Addr: 0x0A
SNH
Bit
Bit Name
Default
Access
Bit Description
7:0
SNH
0x00
R
The high byte of the 16-bit serial number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com