Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS6221T Datasheet(PDF) 24 Page - ams AG

Part # AS6221T
Description  Digital Temperature Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS6221T Datasheet(HTML) 24 Page - ams AG

Back Button AS6221T Datasheet HTML 20Page - ams AG AS6221T Datasheet HTML 21Page - ams AG AS6221T Datasheet HTML 22Page - ams AG AS6221T Datasheet HTML 23Page - ams AG AS6221T Datasheet HTML 24Page - ams AG AS6221T Datasheet HTML 25Page - ams AG AS6221T Datasheet HTML 26Page - ams AG AS6221T Datasheet HTML 27Page - ams AG AS6221T Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
Document Feedback
AS6221T
Register Description
Datasheet
• PUBLIC
DS001032
• v1-00 • 2022-Apr-08
37
│ 24
6.3.2
Data Interface
A bus connection is created by connecting the open drain input/output lines SDA and SCL to the two
wire bus. The inputs of SDA and SCL feature Schmitt-trigger inputs as well as low pass filters in order
to suppress noise on the bus line. This improves the robustness against spikes on the two wire
interface.
Both fast transmission mode (1 kHz to 400 kHz) and high-speed transmission mode (1 kHz to
3.4 MHz) are employed to cover different bus speed settings.
Any data transfer transmits the MSB first and the LSB as last bit.
6.3.3
Bus Address
A slave address consists of seven bits, followed by a data direction bit (read/write operation). The
slave address can be selected from 8 different address settings by connecting the pin ADD0 and
ADD1 to an appropriate signal as summarized in Figure 29.
The ADD0 and the ADD1 pin must not be left unconnected.
The address selection with ADD1 is depending on the usage of the ALERT function (described in
chapter 6.3.8). In case the ALERT functionality is used, it must be connected via a pull up resistor to
VDD. In case the ALERT functionality is not used, the pin must be connected to either SCL or VSS
(refer to Figure 29 for details).
Figure 29:
I²C Address Select Configuration
ALERT / ADD1
Connection
ADD0 Connection
Alert
Functionality
Enabled
Device Address
(bin)
Device Address
(hex)
SCL
VSS
No
100 0100
0x54
SCL
VDD
No
100 0101
0x55
SCL
SDA
No
100 0110
0x56
SCL
SCL
No
100 0111
0x57
VSS
VSS
No
100 1000
0x58
VSS
VDD
No
100 1001
0x59
VSS
SDA
No
100 1010
0x5A
VSS
SCL
No
100 1011
0x5B
Pull up to VDD
VSS
Yes
100 1000
0x58
Pull up to VDD
VDD
Yes
100 1001
0x59
Pull up to VDD
SDA
Yes
100 1010
0x5A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com